Electronic Components Datasheet Search
  English  ▼

X  

LT1057 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1057
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057 Datasheet(HTML) 2 Page - Linear Technology

  LT1057 Datasheet HTML 1Page - Linear Technology LT1057 Datasheet HTML 2Page - Linear Technology LT1057 Datasheet HTML 3Page - Linear Technology LT1057 Datasheet HTML 4Page - Linear Technology LT1057 Datasheet HTML 5Page - Linear Technology LT1057 Datasheet HTML 6Page - Linear Technology LT1057 Datasheet HTML 7Page - Linear Technology LT1057 Datasheet HTML 8Page - Linear Technology LT1057 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1057/LT1058
2
10578fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................±20V
Differential Input Voltage.........................................±40V
Input Voltage...........................................................±20V
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
PACKAGE/ORDER INFORMATION
Operating Temperature Range
LT1057AM/LT1057M/
LT1058AM/LT1058M (OBSOLETE).....–55°C to 125°C
LT1057AC/LT1057C/LT1057S
LT1058AC/LT1058C/LT1058S................... 0°C to 70°C
LT1057I......................................... –40°C ≤ TA ≤ 85°C
TOP VIEW
H PACKAGE 8-LEAD METAL CAN
OUTPUT B
V+
OUTPUT A
–IN A
–IN B
+IN B
+IN A
V– (CASE)
8
7
6
5
3
2
1
4
A
+
–
+
–
B
TOP VIEW
TJMAX = 125°C, θJA = 130°C/W
LT1057AMH
LT1057MH
LT1057ACH
LT1057CH
ORDER PART
NUMBER
LT1057ACN8
LT1057CN8
LT1058ACN
LT1058CN
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTPUT A
–IN A
+IN A
V+
+IN B
–IN B
OUTPUT B
OUTPUT D
–IN D
+IN D
V–
+IN C
–IN C
OUTPUT C
+
–
A
+
–
D
A
D
B
C
1057
1057I
S8 PART MARKING
LT1057S8
LT1057IS8
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
OUTPUT
–IN A
+IN A
V–
V+
OUTPUT B
– IN B
+ IN B
+
–
A
+
–
B
TJMAX = 125°C, θJA = 130°C/W
N14 PACKAGE
14-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
+IN A
V–
+IN B
–IN B
–IN A
OUT A
V+
OUT B
S8 PACKAGE
8-LEAD PLASTIC SO
Please note that the LT1057S8/LT1057IS8 standard surface mount pin-
out differs from that of the LT1057 standard CERDIP/PDIP packages.
TJMAX = 150°C, θJA = 200°C/W
LT1058AMJ
LT1058MJ
LT1058ACJ
LT1058CJ
J14 PACKAGE 14-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
LT1057ACJ8
LT1057CJ8
LT1057AMJ8
LT1057MJ8
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
NC
NC
OUT A
– IN A
+IN A
V–
NC
NC
NC
NC
V+
OUT B
– IN B
+IN B
NC
NC
LT1058SW
LT1058ISW
ORDER PART
NUMBER
ORDER PART
NUMBER
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
OUT A
– IN A
+IN A
V+
+IN B
– IN B
OUT B
NC
OUT D
– IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
LT1057SW
LT1057ISW
TJMAX = 150°C, θJA = 90°C/W
TJMAX =150°C, θJA =90°C/W
+
–
A
+
–
D
A
D
B
C
+
–
A
+
–
B
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com