Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT91SAM9261_09 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 25Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9261_09 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
9.2
Reset Controller
• Based on two Power-on-Reset cells
• Status of the last reset
– Either cold reset, first reset, soft reset, user reset, watchdog reset, wake-up reset
• Controls the internal resets and the NRST pin output
9.3
Shutdown Controller
• Shutdown and Wake-up logic:
– Software programmable assertion of the SHDN pin
– Deassertion Programmable on a WKUP pin level change or on alarm
9.4
General-purpose Backup Registers
• Four 32-bit general-purpose backup registers
9.5
Clock Generator
• Embeds the Low-power 32768 Hz Slow Clock Oscillator
– Provides the permanent Slow Clock to the system
• Embeds the Main Oscillator
– Oscillator bypass feature
– Supports 3 to 20 MHz crystals
• Embeds Two PLLs
– Outputs 80 to 240 MHz clocks
– Integrates an input divider to increase output accuracy
– 1 MHz minimum input frequency
• Provides SLCK, MAINCK, PLLACK and PLLBCK.
Figure 9-2.
Clock Generator Block Diagram
Power
Management
Controller
XIN
XOUT
PLLRCA
Slow Clock
SLCK
Main Clock
MAINCK
PLLA Clock
PLLACK
Control
Status
PLL and
Divider B
PLLRCB
PLLB Clock
PLLBCK
XIN32
XOUT32
Slow Clock
Oscillator
Main
Oscillator
PLL and
Divider A
Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com