Electronic Components Datasheet Search
  English  ▼

X  

LT1055 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1055
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1055 Datasheet HTML 8Page - Linear Technology LT1055 Datasheet HTML 9Page - Linear Technology LT1055 Datasheet HTML 10Page - Linear Technology LT1055 Datasheet HTML 11Page - Linear Technology LT1055 Datasheet HTML 12Page - Linear Technology LT1055 Datasheet HTML 13Page - Linear Technology LT1055 Datasheet HTML 14Page - Linear Technology LT1055 Datasheet HTML 15Page - Linear Technology LT1055 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1055/LT1056
10556fc
LT 0406 REV C • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
10k
10k
100pF
LT1055/56 TA10
–
+
7
4
3
2
6
LT1055
10k
INPUT
1N965
1
µF
510
Ω
330
Ω
125V
2N5415
50k
50k
1M
1M
1N4148
1N4148
2N2222
2N2907
1k
1k
2N3440
27
Ω
27
Ω
OUTPUT
2N5415
2N3440
330
Ω
510
Ω
1N965
1
µF
–125V
33pF
100k
10k
±25mA OUTPUT
HEAT SINK OUTPUT
TRANSISTORS
±120V Output Precision Op Amp
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1122
Fast Settling JFET Op Amp
340ns Settling Time, GBW = 14MHz, SR = 60V/
µs
LT1792
Low Noise JFET Op Amp
en = 6nV/√Hz Max at f = 1kHz
PACKAGE DESCRIPTIO
S8 Package
8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
.008 – .010
(0.203 – 0.254)
SO8 0303
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
1
2
3
4
.150 – .157
(3.810 – 3.988)
NOTE 3
8
7
6
5
.189 – .197
(4.801 – 5.004)
NOTE 3
.228 – .244
(5.791 – 6.197)
.245
MIN
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com