Electronic Components Datasheet Search
  English  ▼

X  

LT1079ACN Datasheet(PDF) 4 Page - Linear Technology

Part # LT1079ACN
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079ACN Datasheet(HTML) 4 Page - Linear Technology

  LT1079ACN Datasheet HTML 1Page - Linear Technology LT1079ACN Datasheet HTML 2Page - Linear Technology LT1079ACN Datasheet HTML 3Page - Linear Technology LT1079ACN Datasheet HTML 4Page - Linear Technology LT1079ACN Datasheet HTML 5Page - Linear Technology LT1079ACN Datasheet HTML 6Page - Linear Technology LT1079ACN Datasheet HTML 7Page - Linear Technology LT1079ACN Datasheet HTML 8Page - Linear Technology LT1079ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1078/LT1079
10789fe
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the temperature range
–40
°C ≤ TA ≤ 85°C for I grades, – 55°C ≤ TA ≤ 125°C for AM/M grades. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V unless otherwise noted.
LT1078I/LT1079I
LT1078AM/LT1079AM
LT1078M/LT1079M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1078
q
70
250
95
370
µV
LT1078IS8/LT1079
q
80
280
100
400
µV
LT1079ISW
q
100
560
µV
∆VOS
Input Offset Voltage Drift
q
0.4
1.8
0.5
2.5
µV/°C
∆T
(Note 6)
LT1078IS8
q
0.6
3.5
µV/°C
LT1079ISW
q
0.7
4.0
µV/°C
IOS
Input Offset Current
q
0.07
0.50
0.07
0.70
nA
LT1078I/LT1079I
q
0.1
1.0
nA
IB
Input Bias Current
q
710
7
12
nA
CMRR
Common Mode Rejection Ratio
VCM = 0.05V to 3.2V
q
92
106
88
104
dB
PSRR
Power Supply Rejection Ratio
VS = 3.1V to 12V
q
98
110
94
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load
q
110
600
80
600
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
80
400
60
400
V/mV
Maximum Output Voltage
Output Low, No Load
q
4.5
8
4.5
8
mV
Swing
Output Low, ISINK = 100µA
q
125
170
125
170
mV
Output High, No Load
q
3.9
4.2
3.9
4.2
V
Output High, 2k to GND
q
3.0
3.7
3.0
3.7
V
IS
Supply Current per Amplifier
q
43
60
45
70
µA
LT1078C/LT1079C
LT1078AC/LT1079AC
LT1078S8/LT1079SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1078
q
50
150
60
240
µV
LT1079
q
60
180
70
270
µV
LT1078S8
q
85
350
µV
LT1079SW
q
90
480
µV
∆VOS
Input Offset Voltage Drift
q
0.4
1.8
0.5
2.5
µV/°C
∆T
(Note 6)
LT1078S8
q
0.6
3.5
µV/°C
LT1079SW
q
0.7
4.0
µV/°C
IOS
Input Offset Current
q
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
q
69
6
11
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
q
94
108
90
106
dB
PSRR
Power Supply Rejection Ratio
VS = 2.6V to 12V
q
100
112
97
112
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load
q
150
750
110
750
V/mV
VO = 0.05V to 3.5V, RL = 50k
q
110
500
80
500
V/mV
Maximum Output Voltage
Output Low, No Load
q
4.0
7
4.0
7
mV
Swing
Output Low, ISINK = 100µA
q
105
150
105
150
mV
Output High, No Load
q
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
q
3.3
3.8
3.3
3.8
V
IS
Supply Current per Amplifier
q
40
55
42
63
µA
The q denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C. VS = 5V, 0V, VCM = 0.1V, VO = 1.4V
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com