Electronic Components Datasheet Search
  English  ▼

X  

OX125 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # OX125
Description  Stratum 3E HCMOS Oscillator OX125 TiMax Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OX125 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  OX125 Datasheet HTML 1Page - Connor-Winfield Corporation OX125 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Cx148
Page
2 of 2
Revision
00
Date
09 Sept 2007
Package Characteristics
Package
Metal package: solder sealed, grounded case, solder tinned pins.
Environmental Characteristics
Shock
100G's, 6mS, halfsine per MIL-STD-202F, Method 213B, Test Condition C
Vibration
0.06" D.A. or 10G peak 10 to 500 Hz, per MIL-STD-202F, Method 204D, Test condition A
REF.
SUPPLY
+4.5Vdc
Test Diagram
Package Outline
HCMOS Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
12
15
18
pf
12
Voltage: High (Voh)
Vcc-0.2V
-
-
Vdc
Low (Vol)
-
-
0.2
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
5
nS
Spurious Output
-
-
-80
dBc
SSB Phase Noise
at 1 Hz offset
-
-
-90
at 10 Hz offset
-
-
-115
at 100 Hz offiset
-
-
-130
dBc/Hz
at 1 kHz offset
-
-
-135
at 10 kHz offset
-
-
-140
.500
12.700mm
Restabilization Time
Off Time
Restabilization Time
Notes
< 1 Hour
< 2 Hours
< 6 Hours
< 12 Hours
<24 Hours
< 48 Hours
13
1 to 16 Days
48 Hours + ¼ Off Time
> 16 Days
< 6 Days
MODEL
OX125
FREQUENCY 10.000MHz
DATE CODE
0021
CAL. FREQ.
10.000000
Pin Connections
1: Control Voltage
2: No Connect
3: Supply Voltage
4: RF Output
5: Circuit & Package Ground
Dimensional Tolerance: ±.005 (.127mm)
RoHS 5-6 Solder Profile



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com