Electronic Components Datasheet Search
  English  ▼

X  

RH1021C Datasheet(PDF) 2 Page - Linear Technology

Part # RH1021C
Description  Precision Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1021C Datasheet(HTML) 2 Page - Linear Technology

  RH1021C Datasheet HTML 1Page - Linear Technology RH1021C Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
DICE SPECIFICATION
RH1021C
rh1021c LT/LT 1099 50 • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1999
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information on
dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX:(408)434-0507 ● www.linear-tech.com
Rad Hard die require special handling as compared to standard IC
chips.
Rad Hard die are susceptible to surface damage because there is no
silicon nitride passivation as on standard die. Silicon nitride protects
the die surface from scratches by its hard and dense properties. The
passivation on Rad Hard die is silicon dioxide that is much “softer”
than silicon nitride.
LTC recommends that die handling be performed with extreme care so
as to protect the die surface from scratches. If the need arises to move
the die around from the chip tray, use a Teflon-tipped vacuum wand.
This wand can be made by pushing a small diameter Teflon tubing
onto the tip of a steel-tipped wand. The inside diameter of the Teflon
tip should match the die size for efficient pickup. The tip of the Teflon
should be cut square and flat to ensure good vacuum to die surface.
Ensure the Teflon tip remains clean from debris by inspecting under
stereoscope.
During die attach, care must be exercised to ensure no tweezers touch
the top of the die.
I.D.No. 66-13-1021
DICE ELECTRICAL TEST LI ITS
Note 1: Output voltage is measured immediately after turn-on. Changes
due to chip warm-up are typically less than 0.005%.
Note 2: Line and load regulation are measured on a pulse basis. Output
changes due to die temperature change must be taken into account
separately.
VS = 10V, IOUT = 0, TA = 25°C unless otherwise noted.
RH1021C-5
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Output Voltage (Note 1)
RH1021C-5
4.9975
5.0025
V
Line Regulation (Note 2)
7.2V
≤ VIN ≤ 10V
12
ppm/V
10V
≤ VIN ≤ 40V
6
ppm/V
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA (Note 2)
440
ppm/mA
Load Regulation (Sinking Current)
0
≤ IOUT ≤ 10mA (Note 2)
440
ppm/mA
Supply Current
1.2
mA
VS = 15V, IOUT = 0, TA = 25°C unless otherwise noted.
RH1021C-10
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Output Voltage (Note 1)
RH1021C-10
9.995
10.005
V
Line Regulation (Note 2)
11.5V
≤ VIN ≤ 14.5V
15
ppm/V
14.5V
≤ VIN ≤ 40V
3
ppm/V
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA (Note 2)
220
ppm/mA
Load Regulation (Shunt Mode)
1.7mA
≤ ISHUNT ≤ 10mA (Notes 2, 3)
220
ppm/mA
Supply Current (Series Mode)
1.7
mA
Minimum Current (Shunt Mode)
VIN is Open
1.5
mA
Note 3: Shunt mode regulation is measured with the input open. With the
input connected, shunt mode current can be reduced to 0mA. Load
regulation will remain the same.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com