Electronic Components Datasheet Search
  English  ▼

X  

P124 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # P124
Description  CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P124 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  P124 Datasheet HTML 1Page - Connor-Winfield Corporation P124 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield P124 is
a fixed frequency, surface
mount Crystal Controlled
Oscillator (XO) designed for
applications requiring low
jitter and a ±50ppm overall
stability. Operating at 3.3V
supply voltage, the P124
provides LVPECL Differential
Outputs with Enable/Disable
function on Pad 2.
1
2
P124 - 156.25MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE on PAD 2
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
±50ppm
TEMPERATURE RANGE: 0 to 70°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
P124
Ec209
01
05/31/06
.059
(1.5mm)
MAX
MAX
MAX
Notes
1)
Includes initial tolerance, dev iation over temperature, supply and load variations, shock, vibration and 20 years aging.
2)
When the oscillator is disabled, t he outputs are at High Impedance. Output is enabled with no connect ion on pad 2.
3)
Output must be terminated into 50 ohms t o Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
75
-
170
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
<30% Vcc
Vdc
2
Enable Input Voltage (High)
(Vih)
>70% Vcc
-
-
Vdc
2
Standby Current
(Icc)
-
-
10
uA
LVPECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
0.5
1
nS
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package and metal cover.
CW 0621
P124
156.25M


Similar Part No. - P124

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P124 POLYFET-P124 Datasheet
33Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P124 VISHAY-P124 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Permco, Inc.
P124 PERMCO-P124 Datasheet
172Kb / 2P
SMALL BUSHING
More results

Similar Description - P124

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
3.3V SURFACE MOUNT LVPECL CLOCK
P214 CONNOR-WINFIELD-P214 Datasheet
210Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com