Electronic Components Datasheet Search
  English  ▼

X  

P214 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # P214
Description  CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P214 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  P214 Datasheet HTML 1Page - Connor-Winfield Corporation P214 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield P214 is
a fixed frequency, surface
mount Crystal Controlled
Oscillator (XO) designed for
applications requiring low
jitter and a ±25ppm overall
stability. Operating at 3.3V
supply voltage, the P214
provides LVPECL Differential
Outputs with Enable/Disable
function on Pad 2.
1
2
P214 - 155.52MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE on PAD 2
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE
±25ppm
TEMPERATURE RANGE: -40 to 85°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
P214
Ec185
01
8/16/04
www.conwin.com
.059
(1.5mm)
MAX
MAX
MAX
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
75
-
170
MHz
Total Frequency Tolerance
-25
25
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
<30% Vcc
Vdc
2
Enable Input Voltage (High)
(Vih)
>70% Vcc
-
-
Vdc
2
Standby Current
(Icc)
-
-
10
uA
PECL OUTPUT
CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
0.5
1
nS
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package and m etal cover.
Notes
1)
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 2.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.


Similar Part No. - P214

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P214 ATM-P214 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
P214F ATM-P214F Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
P214H ATM-P214H Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
More results

Similar Description - P214

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
3.3V SURFACE MOUNT LVPECL CLOCK
P124 CONNOR-WINFIELD-P124 Datasheet
214Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com