Electronic Components Datasheet Search
  English  ▼

X  

P731 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # P731
Description  3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P731 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  P731 Datasheet HTML 1Page - Connor-Winfield Corporation P731 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield P731 is a
3.3V Crystal Oscillator (XO) with
LVPECL Differential outputs and
enable/disable function. The
P731 is designed using a 2X or
4X PLL multiplication to achieve
the high frequency output.
1
2
P731
- 704.38058 MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
250 to 800MHz
3.3V OPERATION
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
+/-50 PPM
TEMPERATURE RANGE: 0 to 85°C
DIFFERENTIAL LVPECL OUTPUTS
ENABLE / DISABLE FUNCTION
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY
LVPECL CLOCK OSCILLATOR
P731
Ec236
00
07/07/06
ABSOLU TE MAX IMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
(Vcc)
-0.5
-
4.6
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
250
-
800
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
0
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
60
100
mA
Jitter (BW=10Hz to 20MHz)
-
-
8
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
2
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
Enable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
PECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
0.5
nS
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package and metal cover.
TABLE 6.0
Pin
Connection
1
Enable / Disable
2
N/C
3
Ground
4
Q Output
5
Q Output
6
Vcc
TABLE 7.0
Enable / Disable Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
Notes
1)
Includes calibration @ 25°C, frequency stability vs. temperature, supply and load variations, shock, vibration and 20
years aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 1.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.


Similar Part No. - P731

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P73-10M PANDUIT-P73-10M Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
P73-C PANDUIT-P73-C Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
P73-D PANDUIT-P73-D Datasheet
854Kb / 12P
P-CONN TM SCREW-ON WIRE CONNECTORS
logo
List of Unclassifed Man...
P730 ETC2-P730 Datasheet
434Kb / 3P
Manual Motor Starter MU
P730 ETC2-P730 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
More results

Similar Description - P731

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P721 CONNOR-WINFIELD-P721 Datasheet
182Kb / 2P
5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X431 CONNOR-WINFIELD-X431 Datasheet
134Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com