Electronic Components Datasheet Search
  English  ▼

X  

X504 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # X504
Description  3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

X504 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  X504 Datasheet HTML 1Page - Connor-Winfield Corporation X504 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield X504 is a
3.3V Crystal Controlled Oscillator
(XO) with LVDS differential
outputs. The X504 is designed
for use with PLL systems
requiring tight frequency stability
vs. change in temperature and
high frequency output over the
industrial temperature range.
The X504 is designed using a 2x
or 4x PLL multiplication to
achieve the high frequency
output.
1
2
X504 - 622.08M
LVDS
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LOW JITTER <2pS RMS
TOTAL FREQUENCY TOLERANCE:
±20ppm
TEMPERATURE RANGE: -40 to 85°C
DIFFERENTIAL LVDS OUTPUTS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
3.3V SURFACE MOUNT 5.0 x 7.5mm
LVDS CLOCK OSCILLATOR
X504
DS018
02
04/03/07
X504 0713
622.08M
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
200
-
800
MHz
Total Frequency Tolerance
-20
-
20
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
100
mA
Jitter (BW=10Hz to 20MHz)
-
-
10
ps rms
Jitter (BW=12kHz to 80MHz)
-
-
2
ps rms
SSB Phase Noise at 10Hz offset
-
-75
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-95
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-120
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Enable Input Voltage (Low)
(Vil)
-
-
0.3Vcc
Vdc
2
Disable Input Voltage (High)
(Vih)
0.7Vcc
-
-
Vdc
2
LVDS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
100
Ohms
3
Output Differential Voltage
(Vod)
250
-
450
mV
Duty Cycle at 50% Level
45
50
55
%
Rise / Fall Time
-
0.6
1.0
nS
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed crystal on a ceramic package
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
See solder profile on page 2.
Notes
1.0
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 10 years
aging.
2.0
When oscillator is disabled both output are in a high impedance state (Tri-State)
3.0
Vod measured with 100 ohm resistor between the true output and the complementary output.


Similar Part No. - X504

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
CPU Supervisor with 4K SPI EEPROM
September 16, 2005
X5043 INTERSIL-X5043 Datasheet
402Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043 Datasheet
409Kb / 21P
CPU Supervisor with 4K SPI EEPROM
March 16, 2006
More results

Similar Description - X504

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X410 CONNOR-WINFIELD-X410 Datasheet
114Kb / 2P
2.5V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X431 CONNOR-WINFIELD-X431 Datasheet
134Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X533 CONNOR-WINFIELD-X533 Datasheet
181Kb / 2P
3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL3225 RALTRON-CL3225 Datasheet
323Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com