Electronic Components Datasheet Search
  English  ▼

X  

7805AE Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # 7805AE
Description  3-Terminal positive Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

7805AE Datasheet(HTML) 2 Page - Wing Shing Computer Components

  7805AE Datasheet HTML 1Page - Wing Shing Computer Components 7805AE Datasheet HTML 2Page - Wing Shing Computer Components 7805AE Datasheet HTML 3Page - Wing Shing Computer Components 7805AE Datasheet HTML 4Page - Wing Shing Computer Components 7805AE Datasheet HTML 5Page - Wing Shing Computer Components 7805AE Datasheet HTML 6Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
7805
A Series Electrical Characteristics
VIN=10V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified)
7805AJ/AE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TJ=25°C, IOUT=500mA
4.85
5
5.15
5mA
≤IOUT≤1A
VO
Output Voltage
7V
≤VIN≤25V, POUT≤15W
4.85
5
5.15
V
TJ=25°C, 7V≤VIN≤25V
-
3
50
ΔVO
Line Regulation
TJ=25°C, 8V≤VIN≤12V
-
1
25
mV
TJ=25°C, 5mA≤IOUT≤1A
-
15
100
ΔVO
Load Regulation
TJ=25°C, 250mA≤IOUT≤750mA
-
5
50
mV
IB
Quiescent Current
IOUT=5mA, TJ=25°C
-
3.9
8
mA
IOUT=500mA, 7V≤VIN≤25V, TJ=25
oC
-
-
1.3
ΔIB
Quiescent Current
Change
5mA
≤IOUT≤1A, VIN=10V, TJ=25oC
-
-
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, IOUT=50mA, TJ=25°C
-
50
-
uV/VO
RR
Ripple Rejection
10V
≤VIN≤18V, f=120Hz, IOUT=50mA, TJ=25oC
57
73
-
dB
VD
Dropout Voltage
TJ=25°C, IOUT=1A
-
2
2.5
V
RO
Output Resistance
f=1KHz
-
17
-
m
Ω
ISC
Short Circuit Current
TJ=25°C
-
2.3
2.8
A
ΔVO/ΔT
Output Voltage Drift
0
oC≤TJ≤125oC
-
-
0.6
mV/
°C
3- Terminal Positive Voltage Regulators
7805A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com