Electronic Components Datasheet Search
  English  ▼

X  

78L24 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 78L24
Description  Positive-Voltage Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

78L24 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  78L24 Datasheet HTML 1Page - Wing Shing Computer Components 78L24 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D 3-Terminal Regulators
D Output Current up to 100 mA
D No External Components
D Internal Thermal-Overload Protection
D Internal Short-Circuit Current Limiting
D Provided Pb-Free packages from the end
of 2004
description
This series of fixed-voltage integrated-circuit
voltage regulators is designed for a wide range of
applications. These applications include on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation.
In addition, they can be used with power-pass
elements to make high-current voltage regulators.
One of these regulators can deliver up to 100 mA
of output current. The internal limiting and
thermal-shutdown features of these regulators
make them essentially immune to overload. When
used as a replacement for a zener diode-resistor
combination, an effective improvement in output
impedance can be obtained, together with lower
bias current.
electrical characteristics at specified virtual junction temperature, VI =
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ‡
UNIT
J
MIN
TYP
MAX
I
1 mA to 40 mA
25
°C
Output voltage
V
7 V t
I
1
A t 40
A
Full range
V
IO = 1 mA to 70 mA
Full range
Input
VI =
25
°C
mV
voltage regulation
VI =
25
°C
mV
Ripple rejection
VI =
f = 120 Hz
25
°C
dB
Output
IO = 1 mA to 100 mA
25
°C
mV
voltage regulation
IO = 1 mA to 40 mA
25
°C
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
µV
Dropout voltage
25
°C
V
Bias current
25
°C
mA
Bias c rrent
125
°C
mA
Bias
VI =
Full range
1.5
mA
current change
IO = 1 mA to 40 mA
F ll range
0.1
mA
‡ Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Full range for the 78L05 is T J = 0°C to 70°C
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
Positive-Voltage Regulators
I
o
I =1mA to 40MA, V =26.5 to 39V
25 C
25 C
Bias current
Full
mV
mV
mA
mA
2-1
INPUT
COMMON
OUTPUT
TO-92
OUTPUT
GND INPUT
SOT-89
78L24
23
24
25
22.8
24
24
25.2
25.2
78
400
480
30
33
95
41
240
28
120
97
1.7
4.8
22.8
6.5
6
78L24
26.5V to 39V
29V to 39V
27.5V to 37.5V,
28V to 39V
78L24ACZ
78L24CPK
O
C
I
o
32V, I = 40mA (unless


Similar Part No. - 78L24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L24 ETC1-78L24 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Nanjing International G...
78L24 DGNJDZ-78L24 Datasheet
264Kb / 2P
Positive-Voltage Regulators
logo
Guangdong Youtai Semico...
78L24 UMW-78L24 Datasheet
402Kb / 14P
3TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
78L24 UMW-78L24 Datasheet
848Kb / 11P
3TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
78L24 UMW-78L24 Datasheet
3Mb / 12P
3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - 78L24

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com