Electronic Components Datasheet Search
  English  ▼

X  

ACPM-7821 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7821
Description  4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7821 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7821 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Handling and Storage
ESD (Electrostatic Discharge)
Electrostatic discharge occurs naturally in the envi-
ronment. With the increase in voltage potential, the
outlet of neutralization or discharge will be sought. If
the acquired discharge route is through a semicon-
ductor device, destructive damage will result. ESD
countermeasure methods should be developed and
used to control potential ESD damage during handling
in a factory environment at each manufacturing site.
MSL (Moisture Sensitivity Level)
Plastic encapsulated surface mount package is sen-
sitive to damage induced by absorbed moisture and
temperature. Avago follows JEDEC Standard J-STD
020A. Each component and package type is classi-
fied for moisture sensitivity by soaking a known dry
Table 5. ESD Classification
Pin#
HBM
MM
CDM
Rating
Class
Rating
Class
Rating
Class
All Pins
±1000V
Class 1C
± 200V
Class B
± 200V
Class II
(JESD22-A115-A)
(JESD22-C101C)
Note:
1. PA module products should be considered extremely ESD sensitive.
package at various temperatures and relative humid-
ity, and times. After soak, the components are sub-
jected to three consecutive simulated ref lows.
The out of bag exposure time maximum limits are
determined by the classification test describe
above which corresponds to an MSL classification
level 6 to 1 according to the JEDEC standard
IPC/JEDEC J-STD-020A and J-STD-033.
ACPM-7821 is MSL3. Thus, according to the J-STD-
033 p.11 the maximum Manufacturers Exposure Time
(MET) for this part is 168 hours. After this time
period, the part would need to be removed from the
reel, de-taped and then re-bake.
MSL classification ref low temperature for the
ACPM-7821 is targeted at 250
°C +0/-5°C. Figure 19
and Table 7 show typical SMT profile for maximum
temperature of 250
°C +0/-5°C.
Table 6. Moisture Classification Level and Floor Life
MSL Level
Floor Life (out of bag) at factory ambient
≤30°C/60% RH or as stated
1
Unlimited at
≤30oC/85% RH
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, must be reflowed within the time limit specified on the label
Note:
1. The MSL Level is marked on the MSL Label on each shipping bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com