Electronic Components Datasheet Search
  English  ▼

X  

KA2284B Datasheet(PDF) 4 Page - Wing Shing Computer Components

Part # KA2284B
Description  5 DOT LED LEVERL METER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA2284B Datasheet(HTML) 4 Page - Wing Shing Computer Components

  KA2284B Datasheet HTML 1Page - Wing Shing Computer Components KA2284B Datasheet HTML 2Page - Wing Shing Computer Components KA2284B Datasheet HTML 3Page - Wing Shing Computer Components KA2284B Datasheet HTML 4Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
.$ëëåé%
èý'27ý/('ý/(9(/ý0(7(5ý'5,9(5
é
7KHýUHFRPPHQGHGýYDOXHýRIý5ýDWý7DýõPD[ôý ýçíq&ï
%\ýFKDQJLQJýWKHýWLPHýFRQVWDQWý&ìýDQGý&ëñýýWKHýUHVSRQVHñýDWWDFNýDQGýUHOHDVHýWLPHýPD\ýEHýYDULHGïý,QýWKHýDERYHýDSð
SOLFDWLRQýFRQGLWLRQVñýSRZHUýGLVVLSDWLRQýPD\ýEHýRSHUDWHGýDWýKLJKHUýOHYHOVýWKDQýWKHýDEVROXWHýPD[LPXPýUDWLQJVïý
7KHýZDWWDJHýRIý5ýLVýWRýEHýGHWHUPLQHGýE\ýWKHýWRWDOý/('ýFXUUHQWýDQGý5ýYDOXHýUHFRPPHQGHGýE\ýWKHý5ýWDEOHï
9&&ýõ9ô
5õ:ô
éæçåäì
6.5~12V
8~14V
10~16V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com