Electronic Components Datasheet Search
  English  ▼

X  

STC358 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC358
Description  Low Power Dual OP AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC358 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC358 Datasheet HTML 1Page - Suntac Electronic Corp. STC358 Datasheet HTML 2Page - Suntac Electronic Corp. STC358 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STC358 Low Power Dual OP AMP
Description
The STC358 consists of two independent high gain Internally frequency compensated
operational amplifiers designed to operate from a single power supply over a wide
range of voltage.
Features
Input common mode voltage range includes ground
Internally frequency compensated for unity gain
Large DC voltage gain : 100dB
Wide bandwidth for unity gain : 1 MHz
Very low power consumption
Wide supply voltage range : Single : 3V ~ 30V, Dual : ±1.5 ~ ±15V
Applications
Transducer amplifier
DC gain blocks
Conventional operational amplifiers
Ordering Information
Type NO.
Marking
Package Code
STC358
STC358
SOP-8
Outline Dimensions
unit : mm
1


Similar Part No. - STC358

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
INTEGRATED - STRATUM 3 TIMING SOURCE
logo
AUK corp
STC352 AUK-STC352 Datasheet
58Kb / 3P
NPN Silicon Transistor
More results

Similar Description - STC358

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC416 NSC-CLC416 Datasheet
167Kb / 6P
Dual Low-Power, 120MHz Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
logo
Micrel Semiconductor
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
Dual 135MHz Low-Power Op Amp
logo
AUK corp
A358 AUK-A358 Datasheet
199Kb / 4P
Low Power Dual OP AMP
S358 AUK-S358 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Analog Devices
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Micrel Semiconductor
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com