Electronic Components Datasheet Search
  English  ▼

X  

STC733 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # STC733
Description  PNP Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC733 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  STC733 Datasheet HTML 1Page - Suntac Electronic Corp. STC733 Datasheet HTML 2Page - Suntac Electronic Corp. STC733 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9074-000
2
STC733
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-50
V
Collector-Emitter voltage
VCEO
-40
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-150
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=-50µA, IE=0
-50
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=-1mA, IB=0
-40
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=-50µA, IC=0
-5
-
-
V
Collector cut-off current
I
CBO
V
CB=-50V, IE=0
-
-
-0.1
µA
Emitter cut-off current
I
EBO
V
EB=-5V, IC=0
-
-
-0.1
µA
DC current gain
h
FE
*
V
CE=-6V, IC=-2mA
70
-
700
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=-100mA, IB=-10mA
-
-
-0.3
V
Transition frequency
f
T
V
CE=-10V, IC=-1mA
80
-
-
MHz
Collector output capacitance
C
ob
V
CB=-10V, IE=0, f=1MHz
-
4
7
pF
Noise figure
NF
V
CE=-6V, IC=-0.1mA
f=1KHz, Rg=10K
--
10
dB
*: h
FE rank / O : 70~140, Y : 120~240, G : 200~400, L : 300~700.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com