Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1352
Description  Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1352_1 Datasheet HTML 7Page - Linear Technology LT1352_1 Datasheet HTML 8Page - Linear Technology LT1352_1 Datasheet HTML 9Page - Linear Technology LT1352_1 Datasheet HTML 10Page - Linear Technology LT1352_1 Datasheet HTML 11Page - Linear Technology LT1352_1 Datasheet HTML 12Page - Linear Technology LT1352_1 Datasheet HTML 13Page - Linear Technology LT1352_1 Datasheet HTML 14Page - Linear Technology LT1352_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1352/LT1353
13523fa
SI
PLIFIED SCHE ATIC
R3
R6
R7
RC
R2
R5
R4
Q21
OUTPUT
1352/53 SS
Q22
Q13
Q15
Q18
+IN
–IN
V+
V –
Q12
Q11
Q9
Q17
Q16
Q10
Q14
Q23
C1
C2
CC
CT
Q1
Q2
Q4
Q3
R1
1k
Q8
Q7
Q6
Q5
Q19
Q20
Q24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com