Electronic Components Datasheet Search
  English  ▼

X  

STC945 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC945
Description  General small signal amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC945 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC945 Datasheet HTML 1Page - Suntac Electronic Corp. STC945 Datasheet HTML 2Page - Suntac Electronic Corp. STC945 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-9075-000
1
STC945
NPN Silicon Transistor
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=0.25V(Max.)
• Low output capacitance : Cob=2pF(Typ.)
• Complementary pair with STC733
Ordering Information
Type NO.
Marking
Package Code
STC945
STC945
TO-92
Outline Dimensions
unit : mm
4.5
±0.1
0.4
±0.02
1.27 Typ.
2.54 Typ.
1 2 3
3.45
±0.1
2.25
±0.1
2.06
±0.1
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - STC945

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC945 AUK-STC945 Datasheet
95Kb / 3P
General small signal Amplifier
logo
KODENSHI_AUK CORP.
STC945 KODENSHI-STC945 Datasheet
231Kb / 4P
NPN Silicon Transistor
STC945 KODENSHI-STC945 Datasheet
231Kb / 4P
NPN Silicon Transistor
logo
AUK corp
STC945N AUK-STC945N Datasheet
238Kb / 4P
NPN Silicon Transistor
More results

Similar Description - STC945

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
General small signal amplifier (General small signal amplifier)
STC945 AUK-STC945 Datasheet
95Kb / 3P
General small signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980E KODENSHI-2SA1980E Datasheet
223Kb / 4P
General small signal amplifier
2SA1980EF KODENSHI-2SA1980EF Datasheet
247Kb / 4P
General small signal amplifier
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com