Electronic Components Datasheet Search
  English  ▼

X  

SDB2000G Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # SDB2000G
Description  silicon bilateral voltage triggered switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

SDB2000G Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  SDB2000G Datasheet HTML 1Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 2Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 3Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 4Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 5Page - Suntac Electronic Corp. SDB2000G Datasheet HTML 6Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
E9
General Description
The sidac is a silicon bilateral voltage triggered switch with
greater power-handling capabilities than standard diacs. Upon
application of a voltage exceeding the sidac breakover voltage
point, the sidac switches on through a negative resistance region
to a low on-state voltage. Conduction continues until the current
is interrupted or drops below the minimum holding current of the
device.
Suntac’s sidacs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding harsh
environments.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
Applications
•
High-voltage lamp ignitors
•
Natural gas ignitors
•
Gas oil ignitors
•
High-voltage power supplies
•
Xenon ignitors
•
Overvoltage protector
•
Pulse generators
•
Fluorescent lighting ignitors
•
HID lighting ignitors
Features
•
AC circuit oriented
•
Glass-passivated junctions
•
High surge current capability
TO-92
Type 70
DO-214
Surface Mount
TO-202
DO-15X
STC SIDAC Series


Similar Part No. - SDB2000G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB201 MCC-SDB201 Datasheet
224Kb / 3P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
KODENSHI_AUK CORP.
SDB20100DI KODENSHI-SDB20100DI Datasheet
169Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB20100DI KODENSHI-SDB20100DI Datasheet
169Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB20100P KODENSHI-SDB20100P Datasheet
256Kb / 4P
High speed switching and rectification
SDB20100P-1 KODENSHI-SDB20100P-1 Datasheet
256Kb / 4P
High speed switching and rectification
More results

Similar Description - SDB2000G

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Powerex Power Semicondu...
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Powerex Power Semicondu...
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com