Electronic Components Datasheet Search
  English  ▼

X  

STC8050 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC8050
Description  NPN Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC8050 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC8050 Datasheet HTML 1Page - Suntac Electronic Corp. STC8050 Datasheet HTML 2Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NP
N Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFEClassification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
1.5
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= 100µA, IE=0
40
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= 2mA, IB=0
40
V
BVEBO
Emitter-Base Breakdown Voltage
IE= 100µA, IC=0
6
V
ICBO
Collector Cut-off Current
VCB= 35V, IE=0
100
nA
IEBO
Emitter Cut-off Current
VEB= 6V, IC=0
100
nA
hFE1
hFE2
hFE3
DC Current Gain
VCE= 1V, IC= 5mA
VCE= 1V, IC= 100mA
VCE= 1V, IC= 800mA
45
85
40
170
160
80
300
VCE (sat)
Collector-Emitter Saturation Voltage
IC= 800mA, IB= 80mA
0.28
0.5
V
VBE (sat)
Base-Emitter Saturation Voltage
IC= 800mA, IB= 80mA
0.98
1.2
V
VBE (on)
Base-Emitter on Voltage
VCE= 1V, IC= 10mA
0.66
1.0
V
Cob
Output Capacitance
VCB= 10V, IE=0
f=1MHz
15
pF
fT
Current Gain Bandwidth Product
VCE= 10V, IC= -50mA
100
200
MHz
Classification
A
B
C
hFE2
85 ~ 160
120 ~ 200
200 ~ 400
1. Emitter 2. Base 3. Collector
0
2W Output Amplifier of Portable Radios in
Class B Push-pull Operation.
• Complimentary to STC8
550
• Collector Current: IC=1.5A
• Collector Power Dissipation: PC=2W (TC=25°C)
TO-92
1
STC8050
NPN Silicon Transistor


Similar Part No. - STC8050

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC8050N AUK-STC8050N Datasheet
244Kb / 4P
NPN Silicon Transistor
STC8050SF AUK-STC8050SF Datasheet
258Kb / 4P
NPN Silicon Transistor
More results

Similar Description - STC8050

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com