Electronic Components Datasheet Search
  English  ▼

X  

STC9015 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # STC9015
Description  PNP Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC9015 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  STC9015 Datasheet HTML 1Page - Suntac Electronic Corp. STC9015 Datasheet HTML 2Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
STC
9015
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
IB = -400
µA
IB = -350
µA
IB = -300
µA
IB = -200
µA
IB = -150
µA
IB = -100
µA
IB = -250
µA
IB = -50
µA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
1000
VCE = -6V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -6V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
I
E = 0
f = 1MHz
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
10
100
1000
VCE = -6V
IC[mA], COLLECTOR CURRENT
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com