Electronic Components Datasheet Search
  English  ▼

X  

AT-41535G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AT-41535G
Description  Up to 6 GHz Low Noise Silicon Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AT-41535G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AT-41535G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AT-41535G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-41535G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-41535G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-41535G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Table 1. Absolute Maximum Ratings [1] at Tc = +25°C
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. T—CASE = 25°C
3. Derate at 8 mW/°C for Tc>87.5°C.
4. Storage above +150°C may tarnish the leads of this package making it difficult to solder into a circuit.
5. Thermal Resistance is measured using IR Microscopy method.
Table 2. Electrical Specifications at Tc = +25°C, VCE=8V
Notes:
1. For this test, the emitter is grounded.
Symbol
Parameter
Unit
Max Rating
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
20
VCEO
Collector-Emitter Voltage
V
12
IC
Collector Current
mA
60
PT
Power Dissipation[2]
mW
500
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
qjc
Thermal Resistance[5]
°C/W
125
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
|S21E|2
Insertion Power Gain; VCE=8V, Ic=25mA
f = 2.0 GHz
f = 4.0 GHz
dB
11.0
5.5
P1dB
Power Output @1dB Gain Compression:
VCE=8V, Ic=25 mA
f = 2.0 GHz
f = 4.0 GHz
dBm
19.0
18.5
G1dB
1 dB Compressed Gain:
VCE=8V, Ic=25 mA
f = 2.0 GHz
f = 4.0 GHz
dB
14.0
9.0
NFo
Optimum Noise Figure:
VCE=8V, Ic = 10 mA
f = 1.0 GHz
f = 2.0 GHz
f = 4.0 GHz
dB
1.30
1.70
3.00
2.0
GA
Gain @ NFo ;
VCE=8V, Ic=10mA
f = 1.0 GHz
f = 2.0 GHz
f = 4.0 GHz
dB
13.0
18.0
14.0
10.0
fT
Gain Bandwidth Product: Ic = 25 mA
GHz
8.0
hFE
Forward Current Transfer Ratio:
VCE=8V, Ic = 10 mA
-
30
180
270
ICBO
Collector Cutoff Current: VCB = 8 V
uA
0.2
IEBO
Emitter Cutoff Current: VEB = 1 V
uA
1.0
CcBO
Collector Base Capacitance[1]:
VCB=8V,F=1MHz
pF
0.20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com