Electronic Components Datasheet Search
  English  ▼

X  

LT1395 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1395
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 5 Page - Linear Technology

  LT1395 Datasheet HTML 1Page - Linear Technology LT1395 Datasheet HTML 2Page - Linear Technology LT1395 Datasheet HTML 3Page - Linear Technology LT1395 Datasheet HTML 4Page - Linear Technology LT1395 Datasheet HTML 5Page - Linear Technology LT1395 Datasheet HTML 6Page - Linear Technology LT1395 Datasheet HTML 7Page - Linear Technology LT1395 Datasheet HTML 8Page - Linear Technology LT1395 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1395/LT1396/LT1397
139567fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL C
C
HARA TERISTICS
The
● denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±5V, pulse tested, unless otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.
Note 3: A heat sink may be required depending on the power supply
voltage and how many amplifiers have their outputs short circuited.
The
θJA specified for the DD package is with minimal PCB heat spreading
metal. Using expanded metal area on all layers of a board reduces
this value.
Note 4: The LT1395C/LT1396C/LT1397C are guaranteed functional over
the operating temperature range of – 40
°C to 85°C. The LT1397H is
guaranteed functional over the operating temperature range of –40
°C
to 125
°C.
Note 5: The LT1395C/LT1396C/LT1397C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1395C/LT1396C/LT1397C are
designed, characterized and expected to meet specified performance from
–40
°C and 85°C but are not tested or QA sampled at these temperatures.
The LT1397H is guaranteed to meet specified performance from –40
°C to
125
°C. For guaranteed I-grade parts, consult the factory.
Note 6: TJ is calculated from the ambient temperature TA and the
power dissipation PD according to the following formula:
LT1395CS5: TJ = TA + (PD • 250°C/W)
LT1396CS6: TJ = TA + (PD • 230°C/W)
LT1395CS8: TJ = TA + (PD • 150°C/W)
LT1396CS8: TJ = TA + (PD • 150°C/W)
LT1396CMS8: TJ = TA + (PD • 250°C/W)
LT1396CDD: TJ = TA + (PD • 160°C/W)
LT1397CS14: TJ = TA + (PD • 100°C/W)
LT1397CGN16: TJ = TA + (PD • 135°C/W)
LT1397CDE: TJ = TA + (PD • 43°C/W)
LT1397HDE: TJ = TA + (PD • 43°C/W)
Note 7: Slew rate is measured at
±2V on a ±3V output signal.
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°.
Ten identical amplifier stages were cascaded giving an effective
resolution of 0.01% and 0.01
°.
Note 9: For LT1395CS6, turn-on delay time (tON) is measured from
control input to appearance of 1V(50%) at the output, for VIN = 1V and
AV = 2. Likewise, turn-off delay time (tOFF) is measured from control
input to appearance of 1V(50%) on the output for VIN = 1V and
AV = 2. This specification is guaranteed by design and characterization.
tON
Turn-On Delay Time (Note 9)
RF = RG = 255Ω, RL = 100Ω, (LT1395CS6 only)
30
75
ns
tOFF
Turn-Off Delay Time (Note 9)
RF = RG = 255Ω, RL = 100Ω, (LT1395CS6 only)
40
100
ns
– 3dB BW
–3dB Bandwidth
AV = 1, RF = 374Ω, RL = 100Ω
400
MHz
AV = 2, RF = RG = 255Ω, RL = 100Ω
350
MHz
0.1dB BW 0.1dB Bandwidth
AV = 1, RF = 374Ω, RL = 100Ω
100
MHz
AV = 2, RF = RG = 255Ω, RL = 100Ω
100
MHz
tr, tf
Small-Signal Rise and Fall Time
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
1.3
ns
tPD
Propagation Delay
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
2.5
ns
os
Small-Signal Overshoot
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
10
%
tS
Settling Time
0.1%, AV = – 1, RF = RG = 280Ω, RL = 150Ω
25
ns
dG
Differential Gain (Note 8)
RF = RG = 255Ω, RL = 150Ω
0.02
%
dP
Differential Phase (Note 8)
RF = RG = 255Ω, RL = 150Ω
0.04
DEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com