Electronic Components Datasheet Search
  English  ▼

X  

HA6002 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HA6002
Description  14.0 - 16.4 GHz Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HA6002 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HA6002 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14.0 – 16.4 GHz Amplifier
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 02/10/2003
HBH
Microwave GmbH
HA6002
General Description
The HA6002 is an amplifier for applications up to Ku-Band.
The high gain, good flatness, low noise figure and high output power makes this device an ideal
choice as a low noise driver amplifier in the frequency range from 14.0GHz to 16.4GHz.
The device operates from –40°C to +55°C.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
14.0
16.4
GHz
Gain
62.0
65.0
dB
Gain Flatness
± 1.3
± 1.6
dB
Noise Figure
6.0
8.0
dB
Power Output@P1dB
25.0
27.0
dBm
Input VSWR
1.8:1
2.0:1
Output VSWR
1.8:1
2.0:1
Temperature Range
-40
+55
°C
DC Voltage
10.0
12.0
15.0
V
DC Current
1300.0
mA
Package
tbd
Size
tbd
mm
Rev. 1.0


Similar Part No. - HA6002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6001 HBH-HA6001 Datasheet
20Kb / 1P
5.0 - 15.0 GHz Broadband Amplifier
HA6003 HBH-HA6003 Datasheet
20Kb / 1P
6 - 13 GHz Broadband Low Noise Amplifier
HA6004 HBH-HA6004 Datasheet
20Kb / 1P
8.0 - 18.0 GHz Broadband Power Amplifier
HA6005 HBH-HA6005 Datasheet
12Kb / 1P
9.0 - 11.0 GHz High Power Amplifier
HA6006 HBH-HA6006 Datasheet
26Kb / 1P
10.0 - 13.0 GHz Low Noise Amplifier
More results

Similar Description - HA6002

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
14.0-30.0 GHz GaAs MMIC Buffer Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
HBH Microwave GmbH
HA6010 HBH-HA6010 Datasheet
25Kb / 1P
14.0 - 16.0 GHz High Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Teledyne Technologies I...
ACP14012 TELEDYNE-ACP14012 Datasheet
148Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14016 TELEDYNE-ACP14016 Datasheet
149Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14021 TELEDYNE-ACP14021 Datasheet
146Kb / 2P
6.0 TO 14.0 GHz COUGARPAK AMPLIFIER
ACP14025 TELEDYNE-ACP14025 Datasheet
159Kb / 2P
8.0 TO 14.0 GHz, Half Watt COUGARPAK AMPLIFIER
ACP14029 TELEDYNE-ACP14029 Datasheet
103Kb / 1P
8.0 TO 14.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com