Electronic Components Datasheet Search
  English  ▼

X  

TO-92 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # TO-92
Description  NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

TO-92 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  TO-92 Datasheet HTML 1Page - Suntac Electronic Corp. TO-92 Datasheet HTML 2Page - Suntac Electronic Corp. TO-92 Datasheet HTML 3Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NPN POWER TRANSISTORS
STC SV32
SOA (DC)
Pc Tj
hFE - Ic
hFE - Ic
Vces - Ic
Vbes - Ic
Vce=1.5V
Tj=25
IS/B
Ptot
Vce=5V
hFE=5
hFE=5
Tj= 40
Tj=125
Tj=125
Tj=25
Tj= 40
Tj=25
Tj= 40
Tj=125
Tj=25
Tj= 40
Tj=125



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com