Electronic Components Datasheet Search
  English  ▼

X  

LT1469 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1469
Description  Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Datasheet(HTML) 3 Page - Linear Technology

  LT1469 Datasheet HTML 1Page - Linear Technology LT1469 Datasheet HTML 2Page - Linear Technology LT1469 Datasheet HTML 3Page - Linear Technology LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1469-2
3
14692f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
IB–
Inverting Input Bias Current
±5V to ±15V
3
±10
nA
IB+
Noninverting Input Bias Current
±5V to ±15V
–10
±40
nA
Input Noise Voltage
0.1Hz to 10Hz
±5V to ±15V
0.3
μVP-P
en
Input Noise Voltage Density
f = 10kHz
±5V to ±15V
5
nV/√Hz
in
Input Noise Current Density
f = 10kHz
±5V to ±15V
0.6
pA/√Hz
RIN
Input Resistance
Common Mode, VCM = ±12.5V
Differential
±15V
±15V
100
50
240
150
MΩ
kΩ
CIN
Input Capacitance
±15V
4
pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
±15V
±5V
12.5
2.5
13.5
3.6
V
V
Input Voltage Range (Negative)
Guaranteed by CMRR
±15V
±5V
–14.3
–4.4
–12.5
–2.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
96
96
110
112
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
±2.5
±4.5
V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
100
112
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
300
300
200
200
2000
2000
8000
8000
V/mV
V/mV
V/mV
V/mV
VOUT
Maximum Output Swing
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
±15V
±15V
±5V
±5V
±13.0
±12.8
±3.0
±2.8
±13.6
±13.5
±3.7
±3.6
V
V
V
V
IOUT
Maximum Output Current
VOUT = ±12.5V, 1mV Overdrive
VOUT = ±2.5V, 1mV Overdrive
±15V
±5V
±15
±15
±22
±22
mA
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 0.2V Overdrive (Note 3)
±15V
±25
±40
mA
SR
Slew Rate
RL = 2k (Note 6)
±15V
±5V
20
15
30
22
V/μs
V/μs
FPBW
Full-Power Bandwidth
10V Peak, (Note 7)
3V Peak, (Note 7)
±15V
±5V
475
1160
kHz
kHz
GBW
Gain Bandwidth Product
f = 100kHz, RL = 2k
±15V
±5V
140
130
200
190
MHz
MHz
tS
Settling Time
10V Step, 0.01%, AV = –1
10V Step, 150μV, AV = –1
±15V
±15V
650
800
ns
ns
ROUT
Output Resistance
AV = –1, f = 100kHz
±15V
0.02
Ω
Channel Separation
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 2k
±15V
±5V
100
100
130
130
dB
dB
IS
Supply Current
Per Amplifier
±15V
±5V
4.1
3.8
5.2
5
mA
mA
ΔVOS
Input Offset Voltage Match
±15V
±5V
30
50
225
350
μV
μV
ΔIB–
Inverting Input Bias Current Match
±5V to ±15V
2
18
nA
ΔIB+
Noninverting Input Bias Current Match
±5V to ±15V
5
78
nA
ΔCMRR
Common Mode Rejection Match
VCM = ±12.5V (Note 9)
VCM = ±2.5V (Note 9)
±15V
±5V
93
93
113
115
dB
dB
ΔPSRR
Power Supply Rejection Match
VS = ±4.5V to ±15V (Note 9)
97
115
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com