Electronic Components Datasheet Search
  English  ▼

X  

AX22X4 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # AX22X4
Description  Acriche series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX22X4 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button AX22X4 Datasheet HTML 6Page - Seoul Semiconductor AX22X4 Datasheet HTML 7Page - Seoul Semiconductor AX22X4 Datasheet HTML 8Page - Seoul Semiconductor AX22X4 Datasheet HTML 9Page - Seoul Semiconductor AX22X4 Datasheet HTML 10Page - Seoul Semiconductor AX22X4 Datasheet HTML 11Page - Seoul Semiconductor AX22X4 Datasheet HTML 12Page - Seoul Semiconductor AX22X4 Datasheet HTML 13Page - Seoul Semiconductor AX22X4 Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
10
1. Voltage[RMS] vs. Color Temperature Shift -100V
2. Voltage[RMS] vs. Color Temperature Shift -110V
80
85
90
95
100
105
110
1 1 5
120
0.8
0.9
1.0
1.1
1.2
Vo lta g e [ R M S , V]
10 0V
90
95
100
105
110
115
120
1 2 5
130
0.8
0.9
1.0
1.1
1.2
Vo lta g e [ R M S , V]
110 V
Voltage - Color Temperature Shift, Ta=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com