Electronic Components Datasheet Search
  English  ▼

X  

HO6001 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HO6001
Description  18.881 GHz Fixed Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HO6001 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HO6001 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.881 GHz Fixed Oscillator
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 02/10/2003
HBH
Microwave GmbH
HO6001
General Description
The HO6001 is a fixed frequency quartz oscillator at 18.881 GHz.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
18.881
GHz
Phase Noise @1kHz
-100
dBc/Hz
Output Power
13
14
15
dBm
Harmonic Suppression
30
dB
Spurious Suppression
80
dB
Reference
External 10MHz
Connectors RF
SMA
Connectors DC
Feed Thru
DC Supply
15/200
V/mA
Temperature Range
-30
+70
°C
Package
tbd
Size
tbd
mm
Rev. 1.0


Similar Part No. - HO6001

ManufacturerPart #DatasheetDescription
logo
LEM
HO60-NP LEM-HO60-NP Datasheet
929Kb / 12P
Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
Current Transducer
More results

Similar Description - HO6001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905-XXX LINER-LTC6905-XXX Datasheet
150Kb / 8P
Fixed Frequency SOT-23 Oscillator
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
Fixed Frequency Crystal Oscillator
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
Fixed Frequency Crystal Oscillator
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
Fixed Frequency Crystal oscillator
PO321 VANLONG-PO321_13 Datasheet
46Kb / 1P
Fixed Freqiency Crystal Oscillator
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
Fixed Frequency Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com