Electronic Components Datasheet Search
  English  ▼

X  

AX2200 Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # AX2200
Description  Acriche series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX2200 Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button AX2200 Datasheet HTML 11Page - Seoul Semiconductor AX2200 Datasheet HTML 12Page - Seoul Semiconductor AX2200 Datasheet HTML 13Page - Seoul Semiconductor AX2200 Datasheet HTML 14Page - Seoul Semiconductor AX2200 Datasheet HTML 15Page - Seoul Semiconductor AX2200 Datasheet HTML 16Page - Seoul Semiconductor AX2200 Datasheet HTML 17Page - Seoul Semiconductor AX2200 Datasheet HTML 18Page - Seoul Semiconductor AX2200 Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
15
Recommended circuit
- Example of using 3216 size , ¼W resistance
1. Operating in 100V/110V
100V/110V
RR
510Ω X 2EA
1020Ω
B
560Ω X 2EA
1120Ω
A
270Ω X 2EA
540Ω
B
360Ω X 2EA
720Ω
A
430Ω X 2EA
470Ω X 2EA
200Ω X 2EA
220Ω X 2EA
Recommend
resistor
860Ω
940Ω
400Ω
440Ω
Optimized
resistor
D
C
110
D
C
100
Bin
code
Voltage
[V,RMS]
At I=20mA[RMS], Ta= 25ºC
2. Operating in 220V/230V
220V/230V
R
RR
R
2.4KΩ X 4EA
2.4KΩ
B
2.7KΩ X 4EA
2.7KΩ
A
2KΩ X 4EA
2KΩ
B
2.2KΩ X 4EA
2.2KΩ
A
2KΩ X 4EA
2.2KΩ X 4EA
1.6KΩ X 4EA
1.8KΩ X 4EA
Recommend
resistor
2KΩ
2.2KΩ
1.6KΩ
1.8KΩ
Optimized
resistor
D
C
230
D
C
220
Bin
code
Voltage
[V,RMS]
At I=20mA[RMS], Ta= 25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com