Electronic Components Datasheet Search
  English  ▼

X  

FAT801 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # FAT801
Description  surface-mount LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FAT801 Datasheet(HTML) 3 Page - Seoul Semiconductor

  FAT801 Datasheet HTML 1Page - Seoul Semiconductor FAT801 Datasheet HTML 2Page - Seoul Semiconductor FAT801 Datasheet HTML 3Page - Seoul Semiconductor FAT801 Datasheet HTML 4Page - Seoul Semiconductor FAT801 Datasheet HTML 5Page - Seoul Semiconductor FAT801 Datasheet HTML 6Page - Seoul Semiconductor FAT801 Datasheet HTML 7Page - Seoul Semiconductor FAT801 Datasheet HTML 8Page - Seoul Semiconductor FAT801 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
FAT801
FAT801
Description
Features
사진
•
Industry Standard PLCC
SMT package
•
High brightness using
AlInGaP and InGaN
dice technologies
•
Available in multiple
colors
•
High volume, high
reliability
This surface-mount LED comes
in PLCC standard package
dimension. It has a substrate
made up of a molded plastic
reflector sitting on top of a bent
lead frame. The die is attached
within the reflector cavity and the
cavity is encapsulated by epoxy
or silicone
The package design coupled
with careful selection of
component materials allow these
products to perform with high
reliability in a larger temperature
range -40℃ to 100℃. The high
reliability feature is crucial to
Automotive interior and Indoor
ESS.
Applications
•
Interior automotive
•
Electronic Signs and
Signals
•
Office Automation,
Electrical Appliances,
Industrial Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com