Electronic Components Datasheet Search
  English  ▼

X  

F75111 Datasheet(PDF) 33 Page - Feature Integration Technology Inc.

Part # F75111
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111 Datasheet(HTML) 33 Page - Feature Integration Technology Inc.

Back Button F75111 Datasheet HTML 29Page - Feature Integration Technology Inc. F75111 Datasheet HTML 30Page - Feature Integration Technology Inc. F75111 Datasheet HTML 31Page - Feature Integration Technology Inc. F75111 Datasheet HTML 32Page - Feature Integration Technology Inc. F75111 Datasheet HTML 33Page - Feature Integration Technology Inc. F75111 Datasheet HTML 34Page - Feature Integration Technology Inc. F75111 Datasheet HTML 35Page - Feature Integration Technology Inc. F75111 Datasheet HTML 36Page - Feature Integration Technology Inc. F75111 Datasheet HTML 37Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
July, 2007
V0.27P
- 31 -
F75111
6-0
WD1_PTIME
R/W
VSB3V
WDTOUT10 Pre-counter time in second.
000_0000b – 0 second (Default)
000_0001b – 1 second
000_0010b – 2 seconds
:
111_1111b – 127 seconds
7.38 Watchdog Timer Control Register – Index 36h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
Reserved
RO
VSB3V
Reserved. Read will return 0.
6
STS_WD_TMO
UT
R/W
VSB3V
Watchdog is timeout. When the watchdog is timeout, this bit will be set to
one. If set to 1, write 1 will clear this bit. Write 0, no effect.
5
WD_ENABLE
R/W
VSB3V
Enable watchdog timer.
4
WD_PULSE
R/W
VSB3V
Watchdog output level or pulse. If set 0 (default), the pin of watchdog is
level output. If write 1, the pin will output with a pulse.
3
WD_UNIT
R/W
VSB3V
Watchdog unit select. Default 0 is select second. Write 1 to select minute.
2
WD_HACTIVE
R/W
VSB3V
Program WD2 output level. If set to 1 and watchdog asserted, the pin will
be high. If set to 0 and watchdog asserted, this pin will drive low(default).
1-0
WD_PSWIDTH
R/W
VSB3V
Watchdog pulse width selection. If the pin output is selected to pulse
mode. The pulse width can be choice.
00b – 1m second.
01b – 20m second.
10b – 100m second
11b – 4 second
The is flexible reset out with watchdog
7.39 Watchdog Timer Range Register – Index 37h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-0
WD_TIME
R/W
VSB3V
Watchdog timing range from 0 ~ 255. The unit is either second or minute
programmed by the watchdog timer control register bit3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com