Electronic Components Datasheet Search
  English  ▼

X  

F75367S Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75367S
Description  짹1oC Temperature Sensor with I2C-SST Bridge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75367S Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75367S Datasheet HTML 9Page - Feature Integration Technology Inc. F75367S Datasheet HTML 10Page - Feature Integration Technology Inc. F75367S Datasheet HTML 11Page - Feature Integration Technology Inc. F75367S Datasheet HTML 12Page - Feature Integration Technology Inc. F75367S Datasheet HTML 13Page - Feature Integration Technology Inc. F75367S Datasheet HTML 14Page - Feature Integration Technology Inc. F75367S Datasheet HTML 15Page - Feature Integration Technology Inc. F75367S Datasheet HTML 16Page - Feature Integration Technology Inc. F75367S Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Feb.., 2008
V0.11P
F75367
5
-
R/W
0
Reserved
4-2
RESET_DEV_SEL
R/W
0
Select which SST device to be reset
1
-
R/W
0
Reserved
0
-
R/W
0
Reserved
7.9. Temperature Interrupt Status Register
 Index 61h (If DEV_BANK_EN is 0)
Bit
Name
R/W Default
Description
7
DEV_T_EXC_STS
R
0
A one indicates at least one of TEMP3~TEMP8 temperature sensor has
exceeded high limit or below the “high limit –hysteresis” limit. Write 1 to
clear this bit, write 0 will be ignored.
6-3
-
R
0
Reserved
2
T2_EXC _STS
R/W
0
A one indicates TEMP2 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.
1
T1_EXC _STS
R/W
0
A one indicates TEMP1 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.
0
LOCAL_EXC _STS R/W
0
A one indicates temperature sensor (local temperature) has exceeded the
high limit or below the “high limit –hysteresis” limit. Write 1 to clear this bit,
write 0 will be ignored.
7.10.Temperature Interrupt Status Register
 Index 61h (If DEV_BANK_EN is 1)
Bit
Name
R/W Default
Description
7-6
-
R
0
Reserved
5
T8_EXC _STS
R/W
0
A one indicates TEMP8 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.
4
T7_EXC _STS
R/W
0
A one indicates TEMP7 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.
3
T6_EXC _STS
R/W
0
A one indicates TEMP6 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.
2
T5_EXC _STS
R/W
0
A one indicates TEMP5 temperature sensor has exceeded high limit or
below the “high limit –hysteresis” limit. Write 1 to clear this bit, write 0 will
be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com