Electronic Components Datasheet Search
  English  ▼

X  

KWT722 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # KWT722
Description  TOP LED DEVICE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

KWT722 Datasheet(HTML) 3 Page - Seoul Semiconductor

  KWT722 Datasheet HTML 1Page - Seoul Semiconductor KWT722 Datasheet HTML 2Page - Seoul Semiconductor KWT722 Datasheet HTML 3Page - Seoul Semiconductor KWT722 Datasheet HTML 4Page - Seoul Semiconductor KWT722 Datasheet HTML 5Page - Seoul Semiconductor KWT722 Datasheet HTML 6Page - Seoul Semiconductor KWT722 Datasheet HTML 7Page - Seoul Semiconductor KWT722 Datasheet HTML 8Page - Seoul Semiconductor KWT722 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
November 2007
November 2007
www.ZLED.com
www.ZLED.com
KWT722
KWT722
Description
Features
•
White colored SMT
package.
•
Material : InGaN/SiC
•
Encapsulating Resin :
Epoxy Resin
•
Suitable for all SMT
assembly methods ;
Suitable for all soldering
methods
•
RoHS Compliant
This surface-mount LED comes in
PLCC standard package dimension.
It has a substrate made up of a
molded plastic reflector sitting on top
of a bent lead frame. The die is
attached within the reflector cavity
and the cavity is encapsulated by
epoxy or silicone.
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability in a larger
temperature range -40℃ to 100℃.
The high reliability feature is crucial
to Automotive interior and Indoor
ESS.
Applications
•
Interior automotive
•
Office Automation,
Electrical Appliances,
Industrial Equipment
•
Lightings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com