Electronic Components Datasheet Search
  English  ▼

X  

LT1567 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1567
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1567 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1567 Datasheet HTML 8Page - Linear Technology LT1567 Datasheet HTML 9Page - Linear Technology LT1567 Datasheet HTML 10Page - Linear Technology LT1567 Datasheet HTML 11Page - Linear Technology LT1567 Datasheet HTML 12Page - Linear Technology LT1567 Datasheet HTML 13Page - Linear Technology LT1567 Datasheet HTML 14Page - Linear Technology LT1567 Datasheet HTML 15Page - Linear Technology LT1567 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1567
13
1567fa
WITH R3 AND R1 EQUAL, VOUT = VREF +
GAIN FROM (VIN2 – VIN1) TO VOUT IS
(VIN2 – VIN1)
IF R1 = R3 = 604
Ω, THEN
NOISE AT VOUT = GAIN • Vη • √fηBW; fηBW = 1.57 • f–3dB
f–3dB =
1
2
π • R2 • C
R2
R1
()
R2
R1
()
R2
604
Ω
1.21k
2.43k
GAIN
1
2
4
1567 F05
VOUT
–
+
7
6
600
Ω
600
Ω
2
1
3
5
8
VIN1
VIN2
VREF
LT1567
0.1
µF
C
7pF
R2
R3 = R1
R1
150
Ω
V+
V+
0.1
µF
4
V–
V
η, INPUT REFERRED
NOISE (nV/
√Hz)
9.0
8.4
8.1
Figure 5. A Differential to Single Ended Amplifier/Filter
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com