Electronic Components Datasheet Search
  English  ▼

X  

LW340AS Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # LW340AS
Description  WHITE LAMP LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW340AS Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button LW340AS Datasheet HTML 5Page - Seoul Semiconductor LW340AS Datasheet HTML 6Page - Seoul Semiconductor LW340AS Datasheet HTML 7Page - Seoul Semiconductor LW340AS Datasheet HTML 8Page - Seoul Semiconductor LW340AS Datasheet HTML 9Page - Seoul Semiconductor LW340AS Datasheet HTML 10Page - Seoul Semiconductor LW340AS Datasheet HTML 11Page - Seoul Semiconductor LW340AS Datasheet HTML 12Page - Seoul Semiconductor LW340AS Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 03
Rev. 03
January 2009
January 2009
www.ZLED.com
www.ZLED.com
6. Optical characteristics
-40
-20
0
2040
6080
100
0
10
20
30
40
Ambient Temperature Ta[
oC]
Ambient Temperature
vs. Maximum Forward Current
(T
a=25
O
C )
Forward Current vs. Chromaticity Coordinate
0.29
0.30
0.31
0.32
0.33
0.29
0.30
0.31
0.32
0.33
1mA 5mA
10mA
20mA
30mA
50mA
100mA
x
(T
a=25
O
C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com