Electronic Components Datasheet Search
  English  ▼

X  

LW500AM Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LW500AM
Description  Lamp LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW500AM Datasheet(HTML) 5 Page - Seoul Semiconductor

  LW500AM Datasheet HTML 1Page - Seoul Semiconductor LW500AM Datasheet HTML 2Page - Seoul Semiconductor LW500AM Datasheet HTML 3Page - Seoul Semiconductor LW500AM Datasheet HTML 4Page - Seoul Semiconductor LW500AM Datasheet HTML 5Page - Seoul Semiconductor LW500AM Datasheet HTML 6Page - Seoul Semiconductor LW500AM Datasheet HTML 7Page - Seoul Semiconductor LW500AM Datasheet HTML 8Page - Seoul Semiconductor LW500AM Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 04
Rev. 04
January 2009
January 2009
www.ZLED.com
www.ZLED.com
3. Absolute maximum ratings
ºC
-40 ~ 100
T
stg
Storage Temperature
ºC
260ºC for 10seconds *2
T
s
Solder Temperature
ºC
-35 ~ 85
T
opr
Operating Temperature
mW
114
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
mA
100
I
FP
*1
Forward Peak Pulse Current
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Parameter
*1 t ≤ 0.1ms, D = 1/10
*2 No lower than 3mm from the base of the epoxy bulb.
4. Electric & Optical characteristics
µA
5
-
-
V
R = 5V
I
R
Reverse Current
lm/W
-
34
-
If=20mA
Ŋ
elc
Optical Efficiency
Deg.
100
If=20mA
2
θ
½
View Angle
V
3.8
3.2
-
If=20mA
V
F
Forward Voltage *5
-
X=0.31, y=0.31
If=20mA
x, y
Chromaticity Coordinate*4
lm
-
3.5
-
If=20mA
Ф
V
Luminous Flux
mcd
700
420
If=20mA
I
V
Luminous Intensity *3
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*3. SSC maintains a tolerance of
±10% on intensity and power measurements.
*4. Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color Coordinates Measurement allowance is ± 0.01
*5. A tolerance of
±0.05V on forward voltage measurements
[Note] All measurements were made under the standardized environment of SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com