Electronic Components Datasheet Search
  English  ▼

X  

LW514 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # LW514
Description  Lamp LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW514 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button LW514 Datasheet HTML 8Page - Seoul Semiconductor LW514 Datasheet HTML 9Page - Seoul Semiconductor LW514 Datasheet HTML 10Page - Seoul Semiconductor LW514 Datasheet HTML 11Page - Seoul Semiconductor LW514 Datasheet HTML 12Page - Seoul Semiconductor LW514 Datasheet HTML 13Page - Seoul Semiconductor LW514 Datasheet HTML 14Page - Seoul Semiconductor LW514 Datasheet HTML 15Page - Seoul Semiconductor LW514 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January 2009
January 2009
www.ZLED.com
www.ZLED.com
11. Precaution for use
1) Storage
• Before opening the package
a. Avoid the absorption of moisture, we recommended to store the LEDs in a dry
box(or desiccator) with a desiccant . Otherwise, store them in the following environment:
Temperature : 5℃~30℃ Humidity : 50% max.
b. The products should be used in 3 months. It is recommended that the LEDs be used as
soon as possible.
• After opening the package
a. Soldering should be done right after opening the package(within 24Hrs).
b. Keeping of a fraction
- Sealing
- Temperature : 5 ~ 40℃, Humidity : less than 30%
c. If the package has been opened more than 1week or the color of desiccant changes,
Components should be dried for 10-12hr at 60±5℃
• Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
• Avoid quick cooling
• Lead frames are silver plated SPCC. The silver plate surface may be affected by
environments which contains corrosive substances. Please avoid conditions which may cause
the LEDs to corrode, tarnish or discolor.
2) Lead Forming
• When the lead forming is required before soldering , care must be taken to avoid any bending
and mechanical stress. The stress to the base may damage the LEDs.
• When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly
aligned with the leads of the LEDs.
• It is recommended that tooling made to precisely form and cut the leads to length rather than
rely on hand operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com