Electronic Components Datasheet Search
  English  ▼

X  

FTHD686 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FTHD686
Description  5.0V HF SINEWAVE OSCILLATOR Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTHD686 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FTHD686 Datasheet HTML 1Page - Connor-Winfield Corporation FTHD686 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
Specifications subject to change without notice.
DATA SHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield FTHD686
is a
surface mount
Crystal Controlled Oscillator
(XO) with Sinewave output.
Based on a fundamental
crystal design the FTHD686 is
designed for applications
requiring low noise, low jitter
and tight frequency stability.
5.0V,
12
FTHD686
- 100.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY
5.0V OPERATION
SINEWAVE OUTPUT
FREQUENCY STABILITY: ±35ppm
TEMPERATURE RANGE: -40 to 85°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
5.0V
HF SINEWAVE OSCILLATOR
Surface Mount
FTHD686
Sw045
03
01/31/07
ORDERING INFORMATION
FEATURES
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
50
-
100
MHz
Total Frequency Tolerance
-35
35
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Supply Current
(Icc)
-
-
50
mA
Start-up Time @ 25°C
-
-
10
mS
PHASE NOISE CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
SSB Phase Noise at 10Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
SINEWAVE OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
LOAD
-
-
50
ohm
Voltage
2
3
4
dBm
Voltage vs. Supply Voltage Change
-1
-
1
dBm
SPURIOUS CHARACTERISTICS
TABLE 5.0
PARAMETER
MINIMUM
NOMINAL MAXIMUM
UNITS
NOTE
Harmonics
-
-
-20
dBm
Sub Harmonics
-
-
-70
dBm
PACKAGE CHARACTERISTICS
TABLE 6.0
Package
Non-hermetic package consisting of an FR4 substrate with grounded metal
cover.
PROCESS RECOMMENDATIONS
TABLE 7.0
Solder Reflow
See solder profile page 2.
Wash
Ultrasonic cleaning is not recommended.
Notes
1.0
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and aging
fifteen years.
PRODUCT D A T A SHEET


Similar Part No. - FTHD686

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
FTH-1 RICHCO-FTH-1 Datasheet
30Kb / 1P
FLAT TIE HOLDER
FTH-10-01 RICHCO-FTH-10-01 Datasheet
45Kb / 1P
FLAT TIE HOLDER
FTH-10A-RT RICHCO-FTH-10A-RT Datasheet
45Kb / 1P
FLAT TIE HOLDER
FTH-11-10-01 RICHCO-FTH-11-10-01 Datasheet
40Kb / 1P
FLAT TIE HOLDER
FTH-11-8-01 RICHCO-FTH-11-8-01 Datasheet
40Kb / 1P
FLAT TIE HOLDER
More results

Similar Description - FTHD686

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AVSS ABRACON-AVSS Datasheet
186Kb / 2P
5.0V SINEWAVE SMD VOLTAGE CONTROLLED OSCILLATOR
03.11.08
logo
Connor-Winfield Corpora...
OFA5BB1BA CONNOR-WINFIELD-OFA5BB1BA Datasheet
141Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCXO
OFC5DJ3BS CONNOR-WINFIELD-OFC5DJ3BS Datasheet
189Kb / 2P
SURFACE MOUNT 5.0V OCXO with SINEWAVE OUTPUT
OVA5BB1BA CONNOR-WINFIELD-OVA5BB1BA Datasheet
145Kb / 2P
SURFACE MOUNT 5.0V SINEWAVE OCVCXO
OVC5DE1BA CONNOR-WINFIELD-OVC5DE1BA Datasheet
101Kb / 2P
5.0V SURFACE MOUNT SINEWAVE OCVCXO
OVC5EQ2BB CONNOR-WINFIELD-OVC5EQ2BB Datasheet
92Kb / 2P
5.0V Sinewave OCVCXO
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
logo
Nel Frequency Controls,...
AE-X0A6XX-X NEL-AE-X0A6XX-X Datasheet
223Kb / 5P
SINEWAVE HF XO
logo
Connor-Winfield Corpora...
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator HSM9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com