Electronic Components Datasheet Search
  English  ▼

X  

HC13R8 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HC13R8
Description  14 PIN DIP HCMOS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HC13R8 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HC13R8 Datasheet HTML 1Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - HC13R8

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
HC13R8G-008.0M CONNOR-WINFIELD-HC13R8G-008.0M Datasheet
140Kb / 2P
5.0V 14 Pin DIP HCMOS Clock Oscillator
HC13R8R CONNOR-WINFIELD-HC13R8R Datasheet
84Kb / 2P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
More results

Similar Description - HC13R8

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H10C CONNOR-WINFIELD-H10C Datasheet
50Kb / 1P
14 PIN DIP HCMOS
HC13R5 CONNOR-WINFIELD-HC13R5 Datasheet
54Kb / 1P
14 PIN DIP HCMOS
ATV561 CONNOR-WINFIELD-ATV561 Datasheet
61Kb / 1P
14 PIN DIP HCMOS TCXO
ATV562 CONNOR-WINFIELD-ATV562 Datasheet
39Kb / 1P
14 PIN DIP HCMOS TCXO
ATV622 CONNOR-WINFIELD-ATV622 Datasheet
62Kb / 1P
14 PIN DIP HCMOS TCXO
HCVR1A CONNOR-WINFIELD-HCVR1A Datasheet
62Kb / 1P
14 PIN DIP HCMOS VCO
HC42R8 CONNOR-WINFIELD-HC42R8 Datasheet
52Kb / 1P
14 PIN DIP HCMOS
MPH51 CONNOR-WINFIELD-MPH51 Datasheet
53Kb / 1P
14 PIN DIP HCMOS
MPH61 CONNOR-WINFIELD-MPH61 Datasheet
53Kb / 1P
14 PIN DIP HCMOS
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
14 Pin DIP HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com