Electronic Components Datasheet Search
  English  ▼

X  

LT1616 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1616 Datasheet HTML 8Page - Linear Technology LT1616 Datasheet HTML 9Page - Linear Technology LT1616 Datasheet HTML 10Page - Linear Technology LT1616 Datasheet HTML 11Page - Linear Technology LT1616 Datasheet HTML 12Page - Linear Technology LT1616 Datasheet HTML 13Page - Linear Technology LT1616 Datasheet HTML 14Page - Linear Technology LT1616 Datasheet HTML 15Page - Linear Technology LT1616 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1616
TYPICAL APPLICATIO S
12V Output
VIN
BOOST
GND
FB
SHDN
SW
5
VIN
16V TO 25V
4
1
6
C3
0.01
µF
D1
D2
D3
L1
33
µH
23
R2
10k
R1
86.6k
LT1616
C2
2.2
µF
16V
1616 TA03
C1
1
µF
25V
VOUT
12V
300mA
GND
C1: TAIYO-YUDEN TMK316BJ105ML
C2: TAIYO-YUDEN EMK316BJ225ML
D1: ON SEMICONDUCTOR MBR0530
D2, D4: 1N4148
D3: CMPZ5234B 6.2V ZENER.
D3 LIMITS BOOST PIN VOLTAGE TO VIN + 6V
L1: COILCRAFT DO1608C-333
D4
OFF ON
1.8V Output
VIN
BOOST
GND
FB
SHDN
SW
5
VIN
3.6V TO 12V
4
1
6
C3
0.01
µF
D1
L1
4.7
µH
23
R2
20k
R1
8.87k
LT1616
D2
C2
10
µF
6.3V
1616 TA04
C1
1
µF
16V
VOUT
400mA
GND
C1: TAIYO-YUDEN EMK212BJ105MG
C2: TAIYO-YUDEN JMK316BJ106ML
D1: ON SEMICONDUCTOR MBR0520L
D2: 1N4148 OR EQUIVALENT
L1: MURATA LQH3C4R7M24
OFF ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com