Electronic Components Datasheet Search
  English  ▼

X  

LT1618 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1618
Description  Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1618 Datasheet HTML 8Page - Linear Technology LT1618 Datasheet HTML 9Page - Linear Technology LT1618 Datasheet HTML 10Page - Linear Technology LT1618 Datasheet HTML 11Page - Linear Technology LT1618 Datasheet HTML 12Page - Linear Technology LT1618 Datasheet HTML 13Page - Linear Technology LT1618 Datasheet HTML 14Page - Linear Technology LT1618 Datasheet HTML 15Page - Linear Technology LT1618 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1618
13
sn1618 1618fas
TYPICAL APPLICATIO S
Efficiency
12V Boost Converter with 500mA Input Current Limit
12V Boost Converter Start-Up with Input Current Limit
(VIN = 1.8V, ILOAD = 40mA)
12V Boost Converter Start-Up without Input Current Limit
(VIN = 1.8V, ILOAD = 40mA)
L0AD CURRENT (mA)
0
120 140
1618 TA06b
40
80
90
85
80
75
70
65
60
20
60
100
160
VIN = 5V
VIN = 3.3V
SHDN
IADJ
VC
VIN
SW
ISN
ISP
FB
LT1618
R1
909k
R2
107k
VIN
1.8V TO 5V
C1
4.7µF
10nF
C2
4.7µF
1618 • TA06a
D1
L1
10µH
3
2
1
9
8
7
GND
510
4
0.1Ω
2k
VOUT
12V
C1: TAIYO YUDEN JMK212BJ475
(408) 573-4150
C2: TAIYO YUDEN EMK316BJ475
(408) 573-4150
D1: ON SEMICONDUCTOR MBR0520
(800) 282-9855
L1: SUMIDA CR43-100
(847) 956-0666
IL1
50µs/DIV
1618 TA07
VOUT
5V/DIV
ILI
200mA/DIV
50µs/DIV
1618 TA08
VOUT
5V/DIV
ILI
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com