Electronic Components Datasheet Search
  English  ▼

X  

LT1637CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT1637CDD
Description  1.1MHz, 0.4V/關s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637CDD Datasheet(HTML) 4 Page - Linear Technology

  LT1637CDD Datasheet HTML 1Page - Linear Technology LT1637CDD Datasheet HTML 2Page - Linear Technology LT1637CDD Datasheet HTML 3Page - Linear Technology LT1637CDD Datasheet HTML 4Page - Linear Technology LT1637CDD Datasheet HTML 5Page - Linear Technology LT1637CDD Datasheet HTML 6Page - Linear Technology LT1637CDD Datasheet HTML 7Page - Linear Technology LT1637CDD Datasheet HTML 8Page - Linear Technology LT1637CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1637
1637fd
LT1637C/LT1637I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8 Packages
100
450
µV
0
°C ≤ TA ≤ 70°C
●
650
µV
–40
°C ≤ TA ≤ 85°C
●
800
µV
MS8 Package
100
450
µV
0
°C ≤ TA ≤ 70°C
●
800
µV
–40
°C ≤ TA ≤ 85°C
●
1150
µV
DD Package
125
650
µV
0
°C ≤ TA ≤ 70°C
●
1000
µV
–40
°C ≤ TA ≤ 85°C
●
1150
µV
Input Offset Voltage Drift (Note 9)
N8, S8 Packages, – 40
°C ≤ TA ≤ 85°C
●
13
µV/°C
MS8 Package, – 40
°C ≤ TA ≤ 85°C
●
26
µV/°C
DD Package, – 40
°C ≤ TA ≤ 85°C
●
26
µV/°C
IOS
Input Offset Current
●
16
nA
IB
Input Bias Current
●
17
50
nA
Input Noise Voltage
0.1Hz to 10Hz
0.6
µVP-P
en
Input Noise Voltage Density
f = 1kHz
27
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.08
pA/
√Hz
RIN
Input Resistance
Differential
1
3
M
Ω
Common Mode, VCM = – 15V to 14V
2200
M
Ω
CIN
Input Capacitance
4pF
Input Voltage Range
●
–15
29
V
CMRR
Common Mode Rejection Ratio
VCM = – 15V to 29V
●
80
110
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
100
400
V/mV
0
°C ≤ TA ≤ 70°C
●
75
V/mV
–40
°C ≤ TA ≤ 85°C
●
50
V/mV
VOL
Output Voltage Swing LOW
No Load
●
– 14.997
– 14.95
V
ISINK = 5mA
●
– 14.680
– 14.25
V
ISINK = 10mA
●
– 14.420
– 13.65
V
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise
specifications are at TA = 25°C. VS = ±15V, VCM = 0V, VOUT = 0V, VSHDN = V– unless otherwise specified. (Note 4)
±15V ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise
specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VSHDN = V–, VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS
LT1637C/LT1637I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Shutdown Pin Current
VPIN5 = 32V, No Load (Note 5)
●
20
150
µA
tON
Turn-On Time
VPIN5 = 5V to 0V, RL = 10k
45
µs
tOFF
Turn-Off Time
VPIN5 = 0V to 5V, RL = 10k
3
µs
tSETTLING
Settling Time
0.1% AV = 1, ∆VO = 2V
9
µs
GBW
Gain-Bandwidth Product
f = 10kHz
650
1000
kHz
(Note 5)
0
°C ≤ TA ≤ 70°C
●
550
kHz
–40
°C ≤ TA ≤ 85°C
●
500
kHz
SR
Slew Rate
AV = – 1, RL = ∞
0.210
0.35
V/
µs
(Note 7)
0
°C ≤ TA ≤ 70°C
●
0.185
V/
µs
–40
°C ≤ TA ≤ 85°C
●
0.170
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com