| Electronic Components Datasheet Search |
|
LT1640AH Datasheet(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1640AH Datasheet(HTML) 13 Page - Linear Technology |
|
13 / 16 page ![]() 13 LT1640AL/LT1640AH + VEE VDD LT1640AL SENSE C1 C3 Q1 R2 R3 C2 R4 R5 R6 R1 4 3 2 OV GND GND – 48V UV 56 8 1 7 GATE ACTIVE LOW ENABLE MODULE VOUT + VOUT – VIN + 1640A F12 VIN – PWRGD DRAIN VPG VEE Q2 ON/OFF – + (SHORT PIN) * * DIODES INC. SMAT70A 4 3 2 1 + – Figure 12. Active Low Enable Module When the DRAIN voltage of the LT1640AL is high with respect to VEE, the internal pull-down transistor Q2 is off and the PWRGD pin is in a high impedance state (Fig- ure 12). The PWRGD pin will be pulled high by the module’s internal pull-up current source, turning the module off. When the DRAIN voltage drops below VPG, Q2 will turn on and the PWRGD pin will pull low, enabling the module. The PWRGD signal can also be used to turn on an LED or optoisolator to indicate that the power is good as shown in Figure 13. Gate Pin Voltage Regulation When the supply voltage to the chip is more than 15.5V, the GATE pin voltage is regulated at 13.5V above VEE. If the supply voltage is less than 15.5V, the GATE voltage will be about 2V below the supply voltage. At the minimum 10V supply voltage, the gate voltage is guaranteed to be greater than 6V. The gate voltage will be no greater than 18V for supply voltages up to 80V. Drain Pin Protection A unique feature of the LT1640A is the ruggedness of the DRAIN pin. The DRAIN is designed to withstand negative voltages (with respect to VEE) without requiring an exter- nal diode. A short circuit on the – 48V backplane pulls up the VEE pin, but due to the storage capacitor C3 (Fig- ure 12), the DRAIN pin is held more negative than the VEE pin. The body diode of Q1, plus the I • R drop across R1 (if R1 is small), holds the DRAIN pin to less than 1.5V below VEE. A 1.5V reverse voltage gives rise to a 50mA reverse drain current, which is within the design capability of the LT1640A. A design with R1 larger than 0.1 Ω may require a resistor in series with the DRAIN pin to not exceed the 50mA drain current maximum. APPLICATIO S I FOR ATIO |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |