Electronic Components Datasheet Search
  English  ▼

X  

LT1638CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LT1638CDD
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CDD Datasheet(HTML) 3 Page - Linear Technology

  LT1638CDD Datasheet HTML 1Page - Linear Technology LT1638CDD Datasheet HTML 2Page - Linear Technology LT1638CDD Datasheet HTML 3Page - Linear Technology LT1638CDD Datasheet HTML 4Page - Linear Technology LT1638CDD Datasheet HTML 5Page - Linear Technology LT1638CDD Datasheet HTML 6Page - Linear Technology LT1638CDD Datasheet HTML 7Page - Linear Technology LT1638CDD Datasheet HTML 8Page - Linear Technology LT1638CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1638/LT1639
16389fd
LT1638C/LT1639C, LT1638I/LT1639I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638 N, S Packages
200
600
μV
0
°C ≤ TA ≤ 70°C
●
850
μV
–40
°C ≤ TA ≤ 85°C
●
950
μV
LT1639 N, S Packages
300
700
μV
0
°C ≤ TA ≤ 70°C
●
950
μV
–40
°C ≤ TA ≤ 85°C
●
1050
μV
LT1638 MS8 Package
350
900
μV
0
°C ≤ TA ≤ 70°C
●
1150
μV
–40
°C ≤ TA ≤ 85°C
●
1450
μV
LT1638 DD Package
400
1100
μV
0
°C ≤ TA ≤ 70°C
●
1350
μV
–40
°C ≤ TA ≤ 85°C
●
1450
μV
Input Offset Voltage Drift
LT1638/LT1639 N, S Packages
●
26
μV/°C
(Note 9)
LT1638MS8, LT1638DD
●
2.5
7
μV/°C
IOS
Input Offset Current
●
16
nA
VCM = 44V (Note 5)
●
2.5
μA
IB
Input Bias Current
●
20
50
nA
VCM = 44V (Note 5)
●
830
μA
VS = 0V
0.1
nA
Input Noise Voltage
0.1Hz to 10Hz
1
μVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
RIN
Input Resistance
Differential
1
2.5
M
Ω
Common Mode, VCM = 0V to 44V
1.4
5.5
M
Ω
CIN
Input Capacitance
5pF
Input Voltage Range
●
044
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
●
88
98
dB
VCM = 0V to 44V (Note 8)
●
80
88
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
0
°C ≤ TA ≤ 70°C
●
133
V/mV
–40
°C ≤ TA ≤ 85°C
●
100
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
0
°C ≤ TA ≤ 70°C
●
250
V/mV
–40
°C ≤ TA ≤ 85°C
●
200
V/mV
VOL
Output Voltage Swing Low
VS = 3V, No Load
●
38
mV
VS = 3V, ISINK = 5mA
●
250
450
mV
VS = 5V, No Load
●
38
mV
VS = 5V, ISINK = 10mA
●
500
700
mV
VOH
Output Voltage Swing High
VS = 3V, No Load
●
2.94
2.98
V
VS = 3V, ISOURCE = 5mA
●
2.25
2.40
V
VS = 5V, No Load
●
4.94
4.98
V
VS = 5V, ISOURCE = 10mA
●
3.8
4.0
V
ISC
Short-Circuit Current (Note 2)
VS = 3V, Short to GND
10
15
mA
VS = 3V, Short to VCC
15
25
mA
VS = 5V, Short to GND
15
20
mA
VS = 5V, Short to VCC
15
25
mA
The
● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com