Electronic Components Datasheet Search
  English  ▼

X  

LT1639CS Datasheet(PDF) 2 Page - Linear Technology

Part # LT1639CS
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639CS Datasheet(HTML) 2 Page - Linear Technology

  LT1639CS Datasheet HTML 1Page - Linear Technology LT1639CS Datasheet HTML 2Page - Linear Technology LT1639CS Datasheet HTML 3Page - Linear Technology LT1639CS Datasheet HTML 4Page - Linear Technology LT1639CS Datasheet HTML 5Page - Linear Technology LT1639CS Datasheet HTML 6Page - Linear Technology LT1639CS Datasheet HTML 7Page - Linear Technology LT1639CS Datasheet HTML 8Page - Linear Technology LT1639CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1638/LT1639
16389fd
ABSOLUTE MAXIMUM RATINGS
Specified Temperature Range (Note 4)
LT1638C/LT1639C ............................. – 40
°C to 85°C
LT1638I/LT1639I ................................ – 40
°C to 85°C
LT1638H/LT1639H ........................... – 40
°C to 125°C
Junction Temperature ........................................... 150
°C
DD Package ...................................................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
DD Package ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Total Supply Voltage (V + to V –) .............................. 44V
Input Differential Voltage ......................................... 44V
Input Current ......................................................
±25mA
Output Short-Circuit Duration (Note 2) .........Continuous
Operating Temperature Range (Note 3)
LT1638C/LT1639C ............................. – 40
°C to 85°C
LT1638I/LT1639I ................................ – 40
°C to 85°C
LT1638H/LT1639H ........................... – 40
°C to 125°C
PACKAGE/ORDER INFORMATION
ORDER
PART NUMBER
ORDER
PART NUMBER
LT1638CMS8
LT1638IMS8
LT1638CN8
LT1638IN8
LT1638CS8
LT1638IS8
LT1638HS8
MS8 PART
MARKING*
S8 PART MARKING
1638
1638I
1638H
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150
°C, θJA = 300°C/W (MS8)
TJMAX = 150°C, θJA = 150°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
LTCY
(Note 1)
*The temperature grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
– IN C
OUT C
D
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150
°C, θJA = 160°C/W (S)
ORDER
PART NUMBER
LT1639CN
LT1639IN
LT1639CS
LT1639IS
LT1639HS
ORDER
PART NUMBER
LT1638CDD
LT1638IDD
TJMAX = 125°C, θJA = 160°C/W (NOTE 10)
UNDERSIDE METAL INTERNALLY CONNECTED TO V–
DD PART MARKING*
LAAL
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
V+
OUT B
–IN B
+IN B
A
B
OUT A
–IN A
+IN A
V–
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com