Electronic Components Datasheet Search
  English  ▼

X  

LT1677CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1677CS8
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1677CS8 Datasheet HTML 12Page - Linear Technology LT1677CS8 Datasheet HTML 13Page - Linear Technology LT1677CS8 Datasheet HTML 14Page - Linear Technology LT1677CS8 Datasheet HTML 15Page - Linear Technology LT1677CS8 Datasheet HTML 16Page - Linear Technology LT1677CS8 Datasheet HTML 17Page - Linear Technology LT1677CS8 Datasheet HTML 18Page - Linear Technology LT1677CS8 Datasheet HTML 19Page - Linear Technology LT1677CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1677
1677fa
Microvolt Comparator with Hysteresis
LT1677
3
7
1677 TA03
4
6
1
2
3V
OUTPUT
POSITIVE FEEDBACK TO ONE OF THE NULLING TERMINALS
CREATES APPROXIMATELY 5
µV OF HYSTERESIS. OUTPUT
CAN SINK 16mA
INPUT OFFSET VOLTAGE IS TYPICALLY CHANGED LESS THAN
5
µV DUE TO THE FEEDBACK
INPUT
10M
5%
15k
1%
15k
1%
LT1677
3V
R*
VOUT
FOR TEMP
COMPENSATION
OF GAIN
R*
R6
22.1
Ω
1677 TA06
R4
5.49k
R3
5.49k
R5
698
Ω
R7
22.1
Ω
R2
5
Ω
R2
5
Ω
*OMEGA SG-3/350LY11
350
Ω, 1%
ALL OTHER RESISTORS 1%
TRIM R11 FOR BRIDGE BALANCE
AV =
≅ 1000
2 • R* + R6
R6
() R4
R2 + (R*/2)
()
3V
R*
R8
7.5
Ω
R9
3.4
Ω
R11
1k
R*
R*
R*
R10
232
Ω
3V Strain Gauge Amplifier
TYPICAL APPLICATIO S
LT1677
2
7
3V < VS < 36V
ZETEX
BC856B
VOUT
1677 TA07
4
6
3
RIN
1k
SOURCE
RLINE
0.1
Ω
ROUT
20k
LOAD
VOUT
ILOAD
= RLINE
= 2V/AMP
ROUT
RIN
Precision High Side Current Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com