Electronic Components Datasheet Search
  English  ▼

X  

HV214 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV214
Description  250V Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV214 Datasheet(HTML) 4 Page - Supertex, Inc

  HV214 Datasheet HTML 1Page - Supertex, Inc HV214 Datasheet HTML 2Page - Supertex, Inc HV214 Datasheet HTML 3Page - Supertex, Inc HV214 Datasheet HTML 4Page - Supertex, Inc HV214 Datasheet HTML 5Page - Supertex, Inc HV214 Datasheet HTML 6Page - Supertex, Inc HV214 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV214
Symbol
Parameter
Value
V
DD
Logic power supply voltage
4.5V to 13.2V
VPP
Positive high voltage supply
40V to VNN+ 250V
VNN
Negative high voltage supply
-40V to -210V
V
IH
High-level input voltage
V
DD -1.5V to VDD
VIL
Low-level input voltage
0V to 1.5V
VSIG
Analog signal voltage peak to peak
VNN +10V to VPP -10V
T
A
Operating free air-temperature
0°C to 70°C
Power Up/Down Sequence:
1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transistion.
3 Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.
Operating Conditions
Notes:
1. The eight switches operate independently.
2. Serial data is clocked in on the L→ H transition CLK.
3. The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift
register data flows through the latch.
4. DOUT is high when switch 7 is on.
5. Shift register clocking has no effect on the switch states if LE is H.
6. The clear input overrides all other inputs.
D0
D1
D2
D3
D4
D5
D6
D7
LE
CL
SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
X
XX
XX
XXX
HL
HOLD PREVIOUS STATE
X
XXX
X
XXX
X
H
OFF OFF OFF OFF OFF OFF OFF OFF
Truth Table



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com