Electronic Components Datasheet Search
  English  ▼

X  

HV311 Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV311
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV311 Datasheet HTML 9Page - Supertex, Inc HV311 Datasheet HTML 10Page - Supertex, Inc HV311 Datasheet HTML 11Page - Supertex, Inc HV311 Datasheet HTML 12Page - Supertex, Inc HV311 Datasheet HTML 13Page - Supertex, Inc HV311 Datasheet HTML 14Page - Supertex, Inc HV311 Datasheet HTML 15Page - Supertex, Inc HV311 Datasheet HTML 16Page - Supertex, Inc HV311 Datasheet HTML 17Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
HV301/HV311
Application Information, cont’d.
Application Circuit 7
Using Short Connector Pin
In some systems short connector pins are used to guarantee that
the power pins are fully mated before the hotswap control circuit
is enabled. For these systems the positive (V
DD) end of the R1,
R2, and R3 resistor divider should be connected to the short pin
(Application Circuit 7).
Unfortunately this will also cause some delay in responding to
UV conditions. If this UV delay is not acceptable, then separate
resistor dividers can be provided for OV and UV with a capacitor
connected from OV pin to the V
EE pin (Application Circuit 6).
Application Circuit 6
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
R5
12.5m
Ω
R1
475k
Ω
R2
16.2k
Ω
R3
511k
Ω
Q1
IRF530
Cload
+5V
HV311
8
3
2
5
74
COM
1
GND
C1
10nF
C2
R4
10k
Ω
DC/DC
PWM
CONVERTER
PWRGD / PWRGD
ENABLE / ENABLE
6
Note: capacitor may be needed to slow PWRGD dv/dt if
oscillations are observed when V
IN is close to OV.
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
R4
12.5m
Ω
R1
487k
Ω
R2
6.81k
Ω
R3
9.76k
Ω
Q1
IRF530
Cload
+5V
HV301/
HV311
8
3
2
5
74
COM
1
GND
C1
10nF
Long
Pin
Short
Pin
Long
Pin
GND
6
DC/DC
PWM
CONVERTER
PWRGD / PWRGD
ENABLE / ENABLE
Note: capacitor may be needed to slow PWRGD dv/dt if
oscillations are observed when V
IN is close to OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com