Electronic Components Datasheet Search
  English  ▼

X  

HV312 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV312
Description  Sequencing Hotswap Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV312 Datasheet(HTML) 2 Page - Supertex, Inc

  HV312 Datasheet HTML 1Page - Supertex, Inc HV312 Datasheet HTML 2Page - Supertex, Inc HV312 Datasheet HTML 3Page - Supertex, Inc HV312 Datasheet HTML 4Page - Supertex, Inc HV312 Datasheet HTML 5Page - Supertex, Inc HV312 Datasheet HTML 6Page - Supertex, Inc HV312 Datasheet HTML 7Page - Supertex, Inc HV312 Datasheet HTML 8Page - Supertex, Inc HV312 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev. D
04/17/02
HV302 / HV312
Absolute Maximum Ratings
Ordering Information
VEE reference to VDD pin
+0.3V to -100V
VPWRGD referenced to VEE Voltage
-0.3V to +100V
VUV and VOV referenced to VEE Voltage
-0.3V to +12V
Operating Ambient Temperature
-40
°C to +85°C
Operating Junction Temperature
-40
°C to +125°C
Storage Temperature Range
-65
°C to +150°C
Electrical Characteristics (-10V VIN -90V, -40°C T
A
+85
°C unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Supply (Referenced to VDD pin)
VEE
Supply Voltage
-90
-10
V
IEE
Supply Current
600
700
µA
VEE = -48V, Mode = Limiting
IEE
Sleep Mode Supply Current
400
450
µA
VEE = -48V, Mode = Sleep
OV and UV Control (Referenced to VEE pin)
VUVH
UV High Threshold
1.26
V
Low to High Transition
VUVL
UV Low Threshold
1.16
V
High to Low Transition
VUVHY
UV Hysteresis
100
mV
IUV
UV Input Current
1.0
nA
VUV = VEE + 1.9V
VOVH
OV High Threshold
1.26
V
Low to High Transition
VOVL
OV Low Threshold
1.16
V
High to Low Transition
VOVHY
OV Hysteresis
100
mV
IOV
OV Input Current
1.0
nA
VOV = VEE + 0.5V
Current Limit (Referenced to VEE pin)
VSENSE-CL
Current Limit Threshold Voltage
40
50
60
mV
VUV = VEE + 1.9V, VOV = VEE + 0.5V
VSENSE-CB
Circuit Breaker Current Limit Threshold Voltage
80
100
120
mV
VUV = VEE + 1.9V, VOV = VEE + 0.5V
Gate Drive Output (Referenced to VEE pin)
VGATE
Maximum Gate Drive Voltage
8.5
10
12
V
VUV = VEE + 1.9V, VOV = VEE + 0.5V
IGATEUP
Gate Drive Pull-Up Current
500
µA
VUV = VEE + 1.9V, VOV = VEE + 0.5V
IGATEDOWN
Gate Drive Pull-Down Current
40
mA
VUV = VEE, VOV = VEE + 0.5V
Ramp Timing Control
- Test Conditions: C
LOAD=100
µF, CRAMP=10nF, VUV = VEE + 1.9V, VOV = VEE + 0.5V, External MOSFET is IRF530*
IRAMP
Ramp Pin Output Current
10
µA
VSENSE = 0V
tPOR
Time from UV to Gate Turn On
2.0
ms
(See Note 1)
tRISE
Time from Gate Turn On to VSENSE Limit
400
µs
tLIMIT
Duration of Current Limit Mode
5.0
ms
tPWRGD-A
Time from Current Limit to PWRGD-A
5.0
ms
tPWRGD-B
Maximum Time from PWRGD-A to PWRGD-B
150
200
250
ms
RTB = 120k
Ω
tPWRGD-B
Minimum Time from PWRGD-A to PWRGD-B
3.0
5.0
8.0
ms
RTB = 3k
Ω
tPWRGD-C
Maximum Time from PWRGD-B to PWRGD-C
150
200
250
ms
RTC = 120k
Ω
tPWRGD-C
Minimum Time from PWRGD-B to PWRGD-C
3.0
5.0
8.0
ms
RTC = 3k
Ω
tPWRGD-D
Maximum Time from PWRGD-C to PWRGD-D
150
200
250
ms
RTD = 120k
Ω
tPWRGD-D
Minimum Time from PWRGD-C to PWRGD-D
3.0
5.0
8.0
ms
RTD = 3k
Ω
VRAMP
Voltage on Ramp Pin in Current Limit Mode
3.6
V
(See Note 2)
tSTARTLIMIT
Start up Time Limit
80
100
120
ms
tCBTRIP
Circuit Breaker Delay Time
2.0
5.0
µs
May be extended by external RC circuit
tAUTO
Automatic Retry Delay
16
s
Package Options
Active State of Power
Good Flags
14 Pin SOIC
HIGH
HV302NG
LOW
HV312NG
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 Fax: (408) 222-4895 www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com