Electronic Components Datasheet Search
  English  ▼

X  

WH108 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # WH108
Description  CHIP LED DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH108 Datasheet(HTML) 2 Page - Seoul Semiconductor

  WH108 Datasheet HTML 1Page - Seoul Semiconductor WH108 Datasheet HTML 2Page - Seoul Semiconductor WH108 Datasheet HTML 3Page - Seoul Semiconductor WH108 Datasheet HTML 4Page - Seoul Semiconductor WH108 Datasheet HTML 5Page - Seoul Semiconductor WH108 Datasheet HTML 6Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1. Features
Package : 1.6 × 0.8 × 0.17 mm
Color coordinates:
X = 0. 25
Y = 0.24
according to CIE 1931
Tape and reel packing
2. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
70
㎽
Forward Current
IF
20
㎃
Peak Forward Current
IFM
*1
60
㎃
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 ~ 80
℃
Storage Temperature
Tstg
-40 ~ 100
℃
*1
IFM conditions: Pulse width Tw≤ 0.1ms, Duty ratio≤ 1/10
3. Electro-Optical Characteristics
(Ta=25℃)
Characteristics
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=5㎃
3.0
V
Reverse Current
IR
VR=5V
-
-
10
㎂
Luminous Intensity
*2
IV
IF=5㎃
150
240
350
mcd
X
IF=5㎃
0.227
0.270
0.321
Chromaticity Coordinates
*3
Y
IF=5㎃
0.220
0.265
0.310
Viewing Angle
:
Y Direction
2θ 1/2
IF=5㎃
-
130
-
˚
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
*3 The CIE standard colorimetric system
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269
FAX: 82-2-858-5537
- 2/9 -
SSC-WH104-#
SSC-QP-0401-06(REV.0)
[Note]
( Tolerance :
IV±10%,
color coordinate ±0.01,
VF ±0.1 )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com